Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6204 Fiches technique(PDF) 5 Page - OSRAM GmbH

No de pièce AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Fiches technique(HTML) 5 Page - OSRAM GmbH

  AS6204 Datasheet HTML 1Page - OSRAM GmbH AS6204 Datasheet HTML 2Page - OSRAM GmbH AS6204 Datasheet HTML 3Page - OSRAM GmbH AS6204 Datasheet HTML 4Page - OSRAM GmbH AS6204 Datasheet HTML 5Page - OSRAM GmbH AS6204 Datasheet HTML 6Page - OSRAM GmbH AS6204 Datasheet HTML 7Page - OSRAM GmbH AS6204 Datasheet HTML 8Page - OSRAM GmbH AS6204 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Document Feedback
AS6204
General Description
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 4
1.3
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
Functional Blocks of AS6204
In Figure 2 the functional blocks are depicted. The sensing element for sensing the temperature is a Si
bipolar transistor. The analog signal of the sensing element is converted into a digital signal by the A/D
converter and the signal is further processed by a digital signal processor and written into the
registers. The registers can be accessed via the serial bus interface (I²C bus).
ALERT
AS6204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37