Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6204 Fiches technique(PDF) 33 Page - OSRAM GmbH

No de pièce AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Fiches technique(HTML) 33 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 29Page - OSRAM GmbH AS6204 Datasheet HTML 30Page - OSRAM GmbH AS6204 Datasheet HTML 31Page - OSRAM GmbH AS6204 Datasheet HTML 32Page - OSRAM GmbH AS6204 Datasheet HTML 33Page - OSRAM GmbH AS6204 Datasheet HTML 34Page - OSRAM GmbH AS6204 Datasheet HTML 35Page - OSRAM GmbH AS6204 Datasheet HTML 36Page - OSRAM GmbH AS6204 Datasheet HTML 37Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Document Feedback
AS6204
Application Information
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 32
7.1
External Components
Figure 34:
Schematic with External Components
Figure 35:
Values for External Components
Parameter
Min
Max
Unit
Decoupling capacitor
10
nF
Pull up resistors
10
15
k
Ω
In Figure 34 and Figure 35 the schematics and the recommended values for external components are
shown.
The decoupling capacitor for the supply should have a value of at least 10 nF.
The pull up resistors on the serial interface and the interrupt also depend on the bus capacitance and
on the clock speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37