| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6204 Fiches technique(PDF) 7 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS6204 Fiches technique(HTML) 7 Page - OSRAM GmbH |
|
7 / 37 page ![]() Document Feedback AS6204 Pin Assignment Datasheet • PUBLIC DS000628 • v4-00 • 2021-Oct-18 36 │ 6 3 Pin Assignment 3.1 Pin Diagram Figure 3: Pin Assignment WLCSP In Figure 3 the pin assignment of the WLCSP package is shown. The viewing side is from the top. The A1 pin is also marked with a point on the top side. A1 VSS A2 Alert/ ADD1 A3 SCL B3 SDA B2 ADD0 B1 VDD Top View A1 pin indicator |