Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6204 Fiches technique(PDF) 32 Page - OSRAM GmbH

No de pièce AS6204
Description  Digital Temperature Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6204 Fiches technique(HTML) 32 Page - OSRAM GmbH

Back Button AS6204 Datasheet HTML 28Page - OSRAM GmbH AS6204 Datasheet HTML 29Page - OSRAM GmbH AS6204 Datasheet HTML 30Page - OSRAM GmbH AS6204 Datasheet HTML 31Page - OSRAM GmbH AS6204 Datasheet HTML 32Page - OSRAM GmbH AS6204 Datasheet HTML 33Page - OSRAM GmbH AS6204 Datasheet HTML 34Page - OSRAM GmbH AS6204 Datasheet HTML 35Page - OSRAM GmbH AS6204 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Document Feedback
AS6204
Application Information
Datasheet
• PUBLIC
DS000628
• v4-00 • 2021-Oct-18
36
│ 31
7
Application Information
Figure 33:
Typical Application for the AS6204 Temperature Sensor
In Figure 33 the connections of the AS6204 temperature sensors to a microcontroller and the supply
voltage are shown.
The AS6204 is connected to a microcontroller via an I²C bus (SDA and SCL only). Additionally the
Alert output can also be used for temperature monitoring (e.g. using the interrupt mode, refer to IM bit
settings), an example is given in Figure 33 where the Alert output is connected to microcontroller.
The I²C of the AS6204 address of the can be selected by connecting the ADD0 pin to VDD or VSS
(refer to Figure 26). This pin must not be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37