| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6204 Fiches technique(PDF) 34 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS6204 Fiches technique(HTML) 34 Page - OSRAM GmbH |
|
34 / 37 page ![]() Document Feedback AS6204 Package Drawings & Markings Datasheet • PUBLIC DS000628 • v4-00 • 2021-Oct-18 36 │ 33 8 Package Drawings & Markings Figure 36: WLCSP Package Outline Drawing Ref. Min Nom Max X 1450 1530 Y 960 1040 Ax 374.5 Dx 400 Ay 302.5 Dy 400 D 250 Thickness (after reflow) 525 (1) All dimensions are in micrometers. Angles in degrees. (2) Dimensioning and tolerance conform to ASME Y14.5M-1994. (3) This package contains no lead (Pb). (4) This drawing is subject to change without notice. RoHS Green |