| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD2755 Fiches technique(PDF) 43 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2755 Fiches technique(HTML) 43 Page - OSRAM GmbH |
|
43 / 54 page ![]() Page 42 Datasheet, Public Document Feedback [v3-00] 2023-Jan-02 TMD2755 − Pack age Drawings & Mark ings Recommended PCB Pad Layout Suggested PCB pad layout guidelines for the surface mount module are shown. Flash Gold is recommended as a surface finish for the landing pads. Figure 63: Recommended PCB Pad Layout Note(s): 1. All Linear Dimensions are in millimeters. 2. Dimension tolerances are 0.05mm unless otherwise noted. 3. Contact finish is Au. 4. This drawing is subject to change without notice. |