Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD2755 Fiches technique(PDF) 41 Page - OSRAM GmbH

No de pièce TMD2755
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2755 Fiches technique(HTML) 41 Page - OSRAM GmbH

Back Button TMD2755 Datasheet HTML 37Page - OSRAM GmbH TMD2755 Datasheet HTML 38Page - OSRAM GmbH TMD2755 Datasheet HTML 39Page - OSRAM GmbH TMD2755 Datasheet HTML 40Page - OSRAM GmbH TMD2755 Datasheet HTML 41Page - OSRAM GmbH TMD2755 Datasheet HTML 42Page - OSRAM GmbH TMD2755 Datasheet HTML 43Page - OSRAM GmbH TMD2755 Datasheet HTML 44Page - OSRAM GmbH TMD2755 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Page 40
Datasheet, Public
Document Feedback
[v3-00] 2023-Jan-02
TMD2755 − Application Information
Recommended Circuit Layout
Figure 61:
With INT Pin Operational
Note(s):
1. The dominant factor governing device performance is the component placement, not necessarily component value. The placement
of the decoupling capacitor, C1, is the most critical. Place the component on the same side of PCB as device as shown in the figure
above. Make connection as close as possible to minimize series inductance and resistance. This is critical.
With INT pin operational
With INT pin tied to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54