| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD2755 Fiches technique(PDF) 24 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2755 Fiches technique(HTML) 24 Page - OSRAM GmbH |
|
24 / 54 page ![]() Datasheet, Public Page 23 [v3-00] 2023-Jan-02 Document Feedback TMD2755 − Register Description The frequency of consecutive ALS (CH0) channel results outside of threshold limits are counted; this count value is compared against the APERS value. If the counter is equal to the APERS setting an interrupt is asserted. Any time an ALS (CH0) channel result is inside the threshold values the counter is cleared. CFG0 Register (Address 0x8D) Figure 30: CFG0 Register Addr: 0x8D CFG0 Bit Bit Name Default Access Bit Description 7:4 Reserved 0101 RW Reserved. Must be set to default value. 3PWLONG 0 RW When PWLONG (PROX Wait Long) is asserted the wait period as set by PWTIME is increased by a factor of 12. 2AWLONG 0 RW When AWLONG (ALS Wait Long) is asserted the wait period as set by AWTIME is increased by a factor of 12. 1:0 Reserved 00 RW Reserved. Must be set to default value. |