| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD2755 Fiches technique(PDF) 31 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2755 Fiches technique(HTML) 31 Page - OSRAM GmbH |
|
31 / 54 page ![]() Page 30 Datasheet, Public Document Feedback [v3-00] 2023-Jan-02 TMD2755 − Register Description REVID2 Register (Address 0xA6) Figure 44: REVID2 Register SOFTRST Register (Address 0xA8) Figure 45: SOFTRST Register Addr: 0xA6 REVID2 Bit Bit Name Default Access Bit Description 7:4 Reserved 0000 R Reserved. 3:0 VER_ID 0000 or 1100 R Device version number. Addr: 0xA8 SOFTRST Bit Bit Name Default Access Bit Description 7:2 Reserved 0 RW Reserved. Must be set to default value. 1 POR 0 RW Writing a 1 to this bit will cause a power on reset. This will immediately terminate all device operation and put the device into the sleep state. 0SOFTRST 0 RW Writing a 1 to this bit will cause all registers to be reset to their default state. This will immediately terminate all device operation and put the device into the sleep state. |