| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD2755 Fiches technique(PDF) 34 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2755 Fiches technique(HTML) 34 Page - OSRAM GmbH |
|
34 / 54 page ![]() Datasheet, Public Page 33 [v3-00] 2023-Jan-02 Document Feedback TMD2755 − Register Description POFFSETL Register (Address 0xC0) Figure 50: POFFSETL Register POFFSETH Register (Address 0xC1) Figure 51: POFFSETH Register Typically, optical and/or electrical crosstalk negatively influence proximity operation and results. The POFFSETL/POFFSETH registers provide a mechanism to remove system crosstalk from the proximity data. POFFSETL and POFFSETH contains the magnitude and sign of a value which adjusts PDATA is generated in the AFE. An offset value in the range of ± 255 is possible. Addr: 0xC0 POFFSETL Bit Bit Name Default Access Bit Description 7:0 POFFSETL 0x00 RW This register contains the magnitude portion of proximity offset adjust value. Addr: 0xC1 POFFSETH Bit Bit Name Default Access Bit Description 7:1 Reserved 0 RW Reserved. Must be set to default value. 0POFFSETH 0 RW This register contains the sign portion of proximity offset adjust value. |