Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD2621 Fiches technique(PDF) 48 Page - OSRAM GmbH

No de pièce TMD2621
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2621 Fiches technique(HTML) 48 Page - OSRAM GmbH

Back Button TMD2621 Datasheet HTML 44Page - OSRAM GmbH TMD2621 Datasheet HTML 45Page - OSRAM GmbH TMD2621 Datasheet HTML 46Page - OSRAM GmbH TMD2621 Datasheet HTML 47Page - OSRAM GmbH TMD2621 Datasheet HTML 48Page - OSRAM GmbH TMD2621 Datasheet HTML 49Page - OSRAM GmbH TMD2621 Datasheet HTML 50Page - OSRAM GmbH TMD2621 Datasheet HTML 51Page - OSRAM GmbH TMD2621 Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
Datasheet, Public
Page 47
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Package Drawings & Markings
Recommended PCB Pad Layout
Suggested PCB pad layout guidelines for the surface mount
module are shown. Flash Gold is recommended as a surface
finish for the landing pads.
Figure 66:
Recommended PCB Pad Layout
Note(s):
1. All linear dimensions are in millimeters.
2. Dimension tolerances are 0.05mm unless otherwise noted.
3. This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59