| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD2621 Fiches technique(PDF) 46 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2621 Fiches technique(HTML) 46 Page - OSRAM GmbH |
|
46 / 59 page ![]() Datasheet, Public Page 45 [v4-00] 2023-Apr-12 Document Feedback TMD2621 − Application Information Recommended Circuit Layout Figure 64: TMD2621 Recommended Circuit Layout Note(s): 1. The placement of the decoupling capacitors are critical. Place the components on the same side of PCB as device as shown in the figure above. Make connections as close as possible to minimize series inductance and resistance. |