Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7261 Fiches technique(PDF) 5 Page - OSRAM GmbH

No de pièce AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261 Fiches technique(HTML) 5 Page - OSRAM GmbH

  AS7261 Datasheet HTML 1Page - OSRAM GmbH AS7261 Datasheet HTML 2Page - OSRAM GmbH AS7261 Datasheet HTML 3Page - OSRAM GmbH AS7261 Datasheet HTML 4Page - OSRAM GmbH AS7261 Datasheet HTML 5Page - OSRAM GmbH AS7261 Datasheet HTML 6Page - OSRAM GmbH AS7261 Datasheet HTML 7Page - OSRAM GmbH AS7261 Datasheet HTML 8Page - OSRAM GmbH AS7261 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-30
AS7261 − Pin Assignments
10
NF
Not Functional. Do not connect.
11
RX/SCL_S
RX (UART) or SCL_S (I²C Slave) Depending on I2C_ENB
12
TX/SDA_S
TX (UART) or SDA_S (I²C Slave) Depending on I2C_ENB
13
INT
Interrupt, Active LOW
14
VDD2
Voltage Supply
15
LED_DRV
LED Driver Output for Driving LED, Current Sink
16
GND
Ground
17
VDD1
Voltage Supply
18
LED_IND
LED Driver Output for Indicator LED, Current Sink
19
NF
Not Functional. Do not connect.
20
NF
Not Functional. Do not connect.
Pin #
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48