| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7261 Fiches technique(PDF) 31 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7261 Fiches technique(HTML) 31 Page - OSRAM GmbH |
|
31 / 48 page ![]() Page 30 ams Datasheet Document Feedback [v1-00] 2016-Dec-30 AS7261 − Detailed Descriptions In the figure below, numeric values may be specified with no leading prefix, in which case they will be interpreted as decimals, or with a leading “0x” to indicate that they are hexadecimal numbers, or with a leading “‘b” to indicate that they are binary numbers. The commands are loosely grouped into functional areas. Texts appearing between angle brackets (‘<‘ and ‘>‘) are commands or response arguments. A carriage return character, a linefeed character, or both may terminate commands and responses. Note that any command that encounters an error will generate the “ERROR” response shown, for example, in the NOP command at the top of the first table, but has been omitted elsewhere in the interest of readability and clarity. Figure 32: AT Commands Command Response Description/Parameters XYZ Calibrated Data with Its Derivatives ATXYZC <X_cor_value>, <Y_cor_value>, <Z_cor_value> OK Read calibrated X, Y, and Z data. Returns comma-separated floating-point values ATLUXC <LUX_value> OK Read the calibrated LUX value from the sensor. ATCCTC <CCT_value> OK Read the calibrated CCT value from the sensor. ATSMALLXYC <smallX_value>, <smallY_value> OK Read calibrated x and y for CIE 1931 color gamut. Returns comma separated floating-point values (5 decimal places). ATUVPRIMEC <Uprime_value>, <Vprime_value>, <U_value>, <V_value> OK Read calibrated u’, v’ and u, v for CIE 1976 color gamut. Returns comma separated floating-point values (5 decimal places). ATDUVC <DUV_value> OK Read calibrated Duv for CIE 1976-color gamut. Returns comma separated floating-point values (5 decimal places). Spectral Data per Channel ATXYZR <X_value>, <Y_value>, <Z_value> OK Read raw X, Y, and Z data. Returns comma-separated 16-bit integers. ATDATA <X_value>, <Y_value>, <Z_value>, <Spec_reg_NIR>, <Spec_reg_D>, <Spec_reg_C> OK Read raw X, Y, Z and NIR data as well as two special internal registers D, & C. Returns comma-separated 16-bit integers. |