| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7261 Fiches technique(PDF) 33 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7261 Fiches technique(HTML) 33 Page - OSRAM GmbH |
|
33 / 48 page ![]() Page 32 ams Datasheet Document Feedback [v1-00] 2016-Dec-30 AS7261 − Detailed Descriptions NOP, Version Access, System Reset AT OK Success ERROR Failure NOP ATSRST OK Success ERROR Failure Software Reset ATVERSW <SWversion#>OK ERROR Failure Returns the system software version number ATVERHW <HWversion#>OK ERROR Failure Returns the system hardware revision and product ID, with bits 7:4 containing the part ID, and bits 3:0 yielding the chip revision value. Firmware Update ATFWU=<value>OK <value>= 16-bit checksum. Initializes the firmware update process. Number of bytes that follow are always 56 KBytes ATFW=<value>OK Download new firmware Up to 7 bytes represented as hex chars with no leading or trailing 0x. Repeat command till all 56Kbytes of firmware are downloaded ATFWA OK Causes target address for FW updates to advance. Should be called after every successful “OK” returned after “ATFW=<value>” command usage. ATFWS OK Causes the active image to switch between the two possible current images and then resets the IC |