Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7261 Fiches technique(PDF) 21 Page - OSRAM GmbH

No de pièce AS7261
Description  XYZ Chromatic White Color Sensor NIR with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261 Fiches technique(HTML) 21 Page - OSRAM GmbH

Back Button AS7261 Datasheet HTML 17Page - OSRAM GmbH AS7261 Datasheet HTML 18Page - OSRAM GmbH AS7261 Datasheet HTML 19Page - OSRAM GmbH AS7261 Datasheet HTML 20Page - OSRAM GmbH AS7261 Datasheet HTML 21Page - OSRAM GmbH AS7261 Datasheet HTML 22Page - OSRAM GmbH AS7261 Datasheet HTML 23Page - OSRAM GmbH AS7261 Datasheet HTML 24Page - OSRAM GmbH AS7261 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-30
AS7261 − Detailed Descriptions
4-Btye Floating-Point (FP) Registers
Several 4 byte registers (hex) are used by the AS7261. Here is
an example of how these registers are used to represent floating
point data (based on the IEEE 754 standard):
Figure 20:
Example of the IEEE 754 Standard
The floating point (FP) value assumed by 32 bit binary32 data
with a biased exponent e (the 8 bit unsigned integer) and a
23 bit fraction is (for the above example):
(EQ1)
FPvalue
1
–
()
sign 1
b23 i
– 2
i
–
i
1
=
23
+




2 e 127
–
()
×
=
(EQ2)
FPvalue
1
–
()
0 1
b23 i
– 2
i
–
i
1
=
23
+




2 124 127
–
()
×
=
(EQ3)
FPvalue
11 2
2
–
+
() 2 3
–
()
×
×
0.15625
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48