| Moteur de recherche de fiches techniques de composants électroniques |
|
RG196/U Fiches technique(PDF) 15 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
RG196/U Fiches technique(HTML) 15 Page - ITT Industries |
|
15 / 39 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 119 Assy Insts RF Coaxial Connectors Assembly Instructions AI-436, AI-499 & AI-523 SMS & SSIS Straight and Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable 1. Trim cable to dimensions shown, being careful not to nick center conductor ‘A’ = 2,29 (.090). 2. Insert cable into rear of body until cable seats in counterbore. Holding firm in this position. Solder cable to body. NOTE Only common cable entry features are shown in detail. Various body configurations can apply. BODY ASSEMBLY BODY ASSEMBLY |