Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RG196/U Fiches technique(PDF) 5 Page - ITT Industries

No de pièce RG196/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

RG196/U Fiches technique(HTML) 5 Page - ITT Industries

  RG196/U Datasheet HTML 1Page - ITT Industries RG196/U Datasheet HTML 2Page - ITT Industries RG196/U Datasheet HTML 3Page - ITT Industries RG196/U Datasheet HTML 4Page - ITT Industries RG196/U Datasheet HTML 5Page - ITT Industries RG196/U Datasheet HTML 6Page - ITT Industries RG196/U Datasheet HTML 7Page - ITT Industries RG196/U Datasheet HTML 8Page - ITT Industries RG196/U Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
109
Mounting
RF Coaxial Connectors
Mounting Information
Recommended Mounting Hole Dimensions
Plan R
Plan S
Plan T
Plan U - AA
Plan BB-CC
Plan FF
Plan DD
Plan EE
Plan
Thread Size
A
B
U
6-40 UNF-2A
3,56 (.140)
3,20 (.126)
V
10-32 UNF-2A
4,95 (.195)
4,50 (.177)
W
1/4-36 UNS-2A
6,73 (.265)
5,92 (.233)
X
5/16-32 UNEF-2A
7,94 (.313)
7,40 (.291)
Y
7/16-28 UNEF-2A
11,91 (.469)
10,41 (.410)
Z
1/2-28 UNEF-2A
13,08 (.515)
12,19 (.480)
AA
5/8-24 UNEF-2A
16,26 (.640)
15,24 (.600)
+0,13 (.005)
+0,13 (.005)
−0,00 (.000)
−0,00 (.000)
Plan
Thread Size
A
B
BB
M9
9,20 (.362)
8,20 (.322)
CC
M5
5,90 (.232)
5,00 (.197)
+0,10 (.004)
+0,10 (.004)
−0,03 (.001)
−0,03 (.001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39