| Moteur de recherche de fiches techniques de composants électroniques |
|
RG196/U Fiches technique(PDF) 39 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
RG196/U Fiches technique(HTML) 39 Page - ITT Industries |
|
39 / 39 page ![]() 143 RF Coaxial Connectors Old to New Part Number Cross Reference QPL Part Number Cross Reference Previous New Previous New Previous New Part Number Part Number Part Number Part Number Part Number Part Number 050-051-0000 B50-051-0000 051-024-3875 B51-024-9399 051-424-3196 A51-424-3196 050-051-9019 B50-051-9019 051-024-9399 B51-024-9399 051-427-3196 A51-427-3196 050-053-0000 B50-053-0000 051-027-3875 051-027-9399 051-428-3188 A51-428-3188 050-053-9019 B50-053-9019 051-051-0000 B51-351-0000 051-428-3196 A51-428-3196 050-328-3188 B50-328-3188 051-051-9029 B51-051-9029 051-428-3875 A51-428-3875 050-624-9142 A50-624-9142 051-051-9999 B51-351-0000 051-428-9399 A51-428-3875 050-624-9188 A50-624-9188 051-053-0000 B51-053-0000 051-443-9009 051-443-0000 050-624-9399 A50-624-9875 051-053-0349 B51-053-0000 051-451-0000 A51-451-0000 050-628-9399 050-628-9875 051-053-9029 B51-053-9029 051-451-9019 A51-451-0000 050-645-4504 A50-645-4504 051-124-3187 051-124-9309 051-453-0000 A51-453-0000 050-645-4520 A50-645-4520 051-127-3187 051-127-9309 051-453-9019 A51-453-0000 050-645-4526 A50-645-4526 051-151-0000 051-151-9019 051-911-9072 051-C11-9072 050-645-4528 A50-645-4528 051-153-0000 051-153-9089 051-923-9188 051-C23-9188 050-645-4540 A50-645-4540 051-153-9069 051-153-9089 051-928-9019 051-C28-9019 050-645-4575 A50-645-4575 051-311-3188 B51-011-0000 051-928-9029 051-C28-9029 051-007-0000 B51-007-0000 051-328-0029 B51-328-3188 051-951-9039 051-C51-9039 051-007-3187 B51-007-0000 051-328-0059 B51-328-9399 055-607-2203 055-607-9173 051-007-3196 B51-007-3196 051-328-3188 B51-328-3188 055-607-3702 055-607-9172 051-011-0000 B51-011-0000 051-328-3196 B51-328-3196 B51-451-0000 051-451-0000 051-024-0000 B51-024-0000 051-328-3875 B51-328-9399 C51-428-3196 A51-428-3196 051-024-3196 B51-024-3196 051-328-9399 B51-328-9399 US Government ITT Cannon Cat. Cable Types US Government ITT Cannon Cat. Cable Types Designation Part Number Designation Part Number M39012/55-3006 050-607-5506899 A RG178/U M39012/73B0009 050-324-7309229 B RG174/U, 316/U M39012/55-3007 050-607-5507899 A RG174/U, 316/U M39012/74-0003 050-308-7403229 A RG178/U M39012/55-3009 050-607-5509899 A RG58/U, 142/U, 223/U M39012/74-0004 050-308-7404229 A RG174/U, 179/U, 316/U M39012/55-3026 050-624-5526899 C RG174/U, 316/U M39012/74B0009 050-325-7409229 B RG174/U, 316/U M39012/55-3028 050-624-5528899 C RG142/U, 223/U M39012/75-0003 050-311-7503229 A RG178/U M39012/55-3107 050-607-5517899 A RG174/U, 316/U M39012/75-0004 050-311-7504229 A RG174/U, 179/U, 316/U M39012/55-3126 050-624-5566899 C RG174/U, 316/U M39012/75B0008 050-328-7508229 B RG178/U M39012/55-3128 050-624-5568899 C RG142/U, 223/U M39012/75B0009 050-328-7509229 B RG174/U, 316/U M39012/55B3019 050-624-5519899 M39012/76-0003 050-310-7603229 A RG178/U M39012/56-3007 050-611-5607899 A RG174/U, 316/U M39012/76-0004 050-310-7604229 A RG174/U, 179/U, 316/U M39012/56-3026 050-628-5626899 C RG174/U, 316/U M39012/76B0009 050-327-7609229 B RG174/U, 316/U M39012/56-3028 050-628-5628899 C RG142/U, 223/U M39012/77-0001 050-043-7701229 M39012/56-3029 050-628-5629899 C RG58/U, 303/U M39012/79B3002 050-607-7902899 B RG402/U M39012/56-3126 050-628-5666899 C RG174/U, 316/U M39012/79B3101 050-607-7911899 B RG405/U M39012/59-3009 050-610-5909899 A RG58/U, 142/U, 223/U M39012/80B3003 055-611-8003899 B RG405/U M39012/59-3026 050-627-5926899 C RG174/U, 316/U M39012/80-3006 055-611-8006899 E RG402/U M39012/59-3028 050-627-5928899 C RG142/U, 223/U M39012/83-3009 050-610-8369899 A RG405/U M39012/67-0003 051-307-6703229 A RG178/U M39012/92-3001 055-607-9201899 RG402/U M39012/67-0004 051-307-6704229 A RG174/U, 179/U, 316/U M39012/93-3001 050-651-9301319 M39012/67B0009 051-324-6709229 B RG174/U, 316/U M39012/93-3002 050-651-9302319 M39012/69-0003 051-311-6903229 A RG178/U M39012/94-3001 050-653-9401319 M39012/69-0004 051-311-6904229 A RG174/U, 179/U, 316/U M39012/94-3002 050-653-9402319 M39012/69B0009 051-328-6909229 B RG174/U, 316/U M39012/95-0001 051-051-9501229 M39012/70-0003 051-310-7003229 A RG178/U M39012/95-0002 051-051-9502229 M39012/71-0001 051-043-7101229 M39012/95-0003 051-051-9503229 M39012/73-0003 050-307-7303229 A RG178/U M39012/96-0001 051-053-9601229 M39012/73-0004 050-307-7304229 A RG174/U, 179/U, 316/U M39012/96-0002 051-053-9602229 M39012/73B0008 050-324-7308229 B RG178/U M39012/96-0003 051-053-9603229 |