Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RG196/U Fiches technique(PDF) 33 Page - ITT Industries

No de pièce RG196/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

RG196/U Fiches technique(HTML) 33 Page - ITT Industries

Back Button RG196/U Datasheet HTML 29Page - ITT Industries RG196/U Datasheet HTML 30Page - ITT Industries RG196/U Datasheet HTML 31Page - ITT Industries RG196/U Datasheet HTML 32Page - ITT Industries RG196/U Datasheet HTML 33Page - ITT Industries RG196/U Datasheet HTML 34Page - ITT Industries RG196/U Datasheet HTML 35Page - ITT Industries RG196/U Datasheet HTML 36Page - ITT Industries RG196/U Datasheet HTML 37Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
137
Assy Insts
RF Coaxial Connectors
Assembly Instructions
BBAI-1228
MPC Straight Connectors, Crimp Type for Braided Cable
CRIMP FERRULE
CONTACT
BODY ASSEMBLY
1. Trim cable to dimensions shown being careful not to nick or damage
braids or center conductor. Twist center conductor filaments together.
2. Slide ferrule over cable. Slide contact over center conductor and crimp
using ITT Cannon Tool CT120090-53 and Positioner 077350-1044. Flare
braids as shown.
3. Slide rear end of body assembly over contact and cable and under braids
until contact butts inside insulator, with full contact radius just protruding
from front of insert, as shown.
4. Slide ferrule over braids until it butts against insert square flange and
crimp using ITT Cannon Tool T1025/- and die set T1025/3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39