Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RG196/U Fiches technique(PDF) 28 Page - ITT Industries

No de pièce RG196/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

RG196/U Fiches technique(HTML) 28 Page - ITT Industries

Back Button RG196/U Datasheet HTML 24Page - ITT Industries RG196/U Datasheet HTML 25Page - ITT Industries RG196/U Datasheet HTML 26Page - ITT Industries RG196/U Datasheet HTML 27Page - ITT Industries RG196/U Datasheet HTML 28Page - ITT Industries RG196/U Datasheet HTML 29Page - ITT Industries RG196/U Datasheet HTML 30Page - ITT Industries RG196/U Datasheet HTML 31Page - ITT Industries RG196/U Datasheet HTML 32Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
132
RF Coaxial Connectors
Assembly Instructions
BBAI-1041
SMZ Right Angle Connectors, Solder Contact, for Braided Cable
Cable
Die Size
BT2001
4,52 (.178)
BT2002
5,18 (.204)
BT2003
6,81 (.268)
BT3002
4,52 (.178)
RG59B/U
6,48 (.255)
RG62/U
6,48 (.255)
RG140/U
6,48 (.255)
RG179B/U
3,25 (.128)
RG180/U
4,52 (.178)
RG187A/U
3,25 (.128)
RG195A/U
4,52 (.178)
RD179
3,84 (.151)
TZC75024
4,52 (.178)
FERRULE
BODY
CAP
1. Trim cable to dimensions shown being careful not to nick the braid or center conductor. Tin center
conductor, (DO NOT OVER TIN), then slip ferrule over cable.
2. Insert trimmed cable into tubular extension. This will slide under the braid. The center conductor
will extend into the slotted contact.
3. Slip cable and ferrule up to face of body and crimp in position using ITT Cannon crimp tool and
suitable die set (see table). Solder center conductor to contact. Press cap into body using a flat
punch or ITT Cannon Tool T2921.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39