Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1464483 Fiches technique(PDF) 21 Page - PHOENIX CONTACT

No de pièce 1464483
Description  PTCB E1 24DC/0.1A SI-R - Electronic circuit breaker
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1464483 Fiches technique(HTML) 21 Page - PHOENIX CONTACT

Back Button 1464483 Datasheet HTML 17Page - PHOENIX CONTACT 1464483 Datasheet HTML 18Page - PHOENIX CONTACT 1464483 Datasheet HTML 19Page - PHOENIX CONTACT 1464483 Datasheet HTML 20Page - PHOENIX CONTACT 1464483 Datasheet HTML 21Page - PHOENIX CONTACT 1464483 Datasheet HTML 22Page - PHOENIX CONTACT 1464483 Datasheet HTML 23Page - PHOENIX CONTACT 1464483 Datasheet HTML 24Page - PHOENIX CONTACT 1464483 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
FBS 2-5 - Plug-in bridge
3030161
https://www.phoenixcontact.com/us/products/3030161
Plug-in bridge, pitch: 5.2 mm, number of positions: 2, length: 23 mm, color: red
Max. current carrying capacity: 24 A
FBS 3-5 - Plug-in bridge
3030174
https://www.phoenixcontact.com/us/products/3030174
Plug-in bridge, pitch: 5.2 mm, number of positions: 3, length: 23 mm, color: red
Max. current carrying capacity: 24 A
PTCB E1 24DC/0.1A SI-R - Electronic circuit breaker
1464483
https://www.phoenixcontact.com/us/products/1464483
Jan 16, 2024, 6:59 AM
Page 21 (46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com