Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1464483 Fiches technique(PDF) 39 Page - PHOENIX CONTACT

No de pièce 1464483
Description  PTCB E1 24DC/0.1A SI-R - Electronic circuit breaker
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1464483 Fiches technique(HTML) 39 Page - PHOENIX CONTACT

Back Button 1464483 Datasheet HTML 35Page - PHOENIX CONTACT 1464483 Datasheet HTML 36Page - PHOENIX CONTACT 1464483 Datasheet HTML 37Page - PHOENIX CONTACT 1464483 Datasheet HTML 38Page - PHOENIX CONTACT 1464483 Datasheet HTML 39Page - PHOENIX CONTACT 1464483 Datasheet HTML 40Page - PHOENIX CONTACT 1464483 Datasheet HTML 41Page - PHOENIX CONTACT 1464483 Datasheet HTML 42Page - PHOENIX CONTACT 1464483 Datasheet HTML 43Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
QTC 1,5-QUATTRO - Feed-through terminal block
3205077
https://www.phoenixcontact.com/us/products/3205077
Feed-through terminal block, nom. voltage: 800 V, nominal current: 17.5 A,
number of connections: 4, connection method: Quick connection, 1 level, Rated
cross section: 1.5 mm2, cross section: 0.25 mm2 - 1.5 mm2, mounting type: NS
35/7,5, NS 35/7,5, color: gray
PT 10 - Feed-through terminal block
3212120
https://www.phoenixcontact.com/us/products/3212120
Feed-through terminal block, nom. voltage: 1000 V, nominal current: 57 A,
number of connections: 2, connection method: Push-in connection, Rated cross
section: 10 mm2, cross section: 0.5 mm2 - 16 mm2, mounting type: NS 35/7,5,
NS 35/15, color: gray
PTCB E1 24DC/0.1A SI-R - Electronic circuit breaker
1464483
https://www.phoenixcontact.com/us/products/1464483
Jan 16, 2024, 6:59 AM
Page 39 (46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com