Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1464483 Fiches technique(PDF) 1 Page - PHOENIX CONTACT

No de pièce 1464483
Description  PTCB E1 24DC/0.1A SI-R - Electronic circuit breaker
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1464483 Fiches technique(HTML) 1 Page - PHOENIX CONTACT

  1464483 Datasheet HTML 1Page - PHOENIX CONTACT 1464483 Datasheet HTML 2Page - PHOENIX CONTACT 1464483 Datasheet HTML 3Page - PHOENIX CONTACT 1464483 Datasheet HTML 4Page - PHOENIX CONTACT 1464483 Datasheet HTML 5Page - PHOENIX CONTACT 1464483 Datasheet HTML 6Page - PHOENIX CONTACT 1464483 Datasheet HTML 7Page - PHOENIX CONTACT 1464483 Datasheet HTML 8Page - PHOENIX CONTACT 1464483 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Single-channel, electronic device protection for 12-24 V DC loads. Fixed nominal current value:
0.1 A. With remote signaling, remote reset, and active current limitation. Can be combined with
CLIPLINE terminal blocks. For installation on DIN rails.
Your advantages
Precise fault localization and fast recovery thanks to status message and local and remote reset options
•
Effortless system planning due to precise shutdown and low voltage losses
•
More space in the control cabinet due to integrated potential distribution of positive and negative in 6 mm
•
Simple application setup due to bridging option to CLIPLINE complete terminal block system
•
Commercial data
Item number
1464483
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
CL10
Product key
CLA135
GTIN
4063151857745
Weight per piece (including packing)
32.25 g
Weight per piece (excluding packing)
25.84 g
Customs tariff number
85363010
Country of origin
DE
PTCB E1 24DC/0.1A SI-R - Electronic circuit breaker
1464483
https://www.phoenixcontact.com/us/products/1464483
Jan 16, 2024, 6:59 AM
Page 1 (46)


Numéro de pièce similaire - 1464483

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1464484 PHOENIX-1464484 Datasheet
1Mb / 46P
PTCB E1 24DC/0.1A NO - Electronic circuit breaker
1464485 PHOENIX-1464485 Datasheet
1Mb / 46P
PTCB E1 24DC/0.63A SI-R - Electronic circuit breaker
1464486 PHOENIX-1464486 Datasheet
1Mb / 46P
PTCB E1 24DC/0.63A NO - Electronic circuit breaker
More results

Description similaire - 1464483

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1135734 PHOENIX-1135734 Datasheet
314Kb / 24P
Electronic device circuit breaker - PTCB E1 24DC/8A SI-R
1135740 PHOENIX-1135740 Datasheet
301Kb / 23P
Electronic device circuit breaker - PTCB E1 24DC/6A SI-R
1135745 PHOENIX-1135745 Datasheet
319Kb / 24P
Electronic device circuit breaker - PTCB E1 24DC/4A SI-R
1135749 PHOENIX-1135749 Datasheet
303Kb / 23P
Electronic device circuit breaker - PTCB E1 24DC/2A SI-R
1135751 PHOENIX-1135751 Datasheet
303Kb / 23P
Electronic device circuit breaker - PTCB E1 24DC/1A SI-R
1135752 PHOENIX-1135752 Datasheet
314Kb / 24P
Electronic device circuit breaker - PTCB E1 24DC/1-8A SI-R
1135753 PHOENIX-1135753 Datasheet
319Kb / 24P
Electronic device circuit breaker - PTCB E1 24DC/1-4A SI-R
2909902 PHOENIX-2909902 Datasheet
569Kb / 23P
Electronic circuit breaker - PTCB E1 24DC/1A NO
2909910 PHOENIX-2909910 Datasheet
572Kb / 23P
Electronic circuit breaker - PTCB E1 24DC/8A NO
2909903 PHOENIX-2909903 Datasheet
323Kb / 23P
Electronic device circuit breaker - PTCB E1 24DC/2A NO
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com