Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1464483 Fiches technique(PDF) 2 Page - PHOENIX CONTACT

No de pièce 1464483
Description  PTCB E1 24DC/0.1A SI-R - Electronic circuit breaker
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1464483 Fiches technique(HTML) 2 Page - PHOENIX CONTACT

  1464483 Datasheet HTML 1Page - PHOENIX CONTACT 1464483 Datasheet HTML 2Page - PHOENIX CONTACT 1464483 Datasheet HTML 3Page - PHOENIX CONTACT 1464483 Datasheet HTML 4Page - PHOENIX CONTACT 1464483 Datasheet HTML 5Page - PHOENIX CONTACT 1464483 Datasheet HTML 6Page - PHOENIX CONTACT 1464483 Datasheet HTML 7Page - PHOENIX CONTACT 1464483 Datasheet HTML 8Page - PHOENIX CONTACT 1464483 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Technical data
Notes
General
Connection for signal line tested in accordance with EN 61000-4-
4 with 1 kV; if necessary, customer must provide appropriate
protective measures
Note
Repeated hard short circuits can reduce the melting integral of
the integrated backup fuse.
Product properties
Type
DIN rail module, one-piece 
Product type
Device circuit breakers
Product family
PTCB
Number of positions
1
No. of channels
1
Insulation characteristics
Protection class
III
Pollution degree
2
Electrical properties
No. of channels
1
General
Operating voltage
10 V DC ... 30 V DC
Rated voltage
24 V DC
15 A DC (Total current input)
Rated current IN
0.1 A DC (Rated current output)
Rated current IN
0.1 A DC
Rated current (pre-adjusted)
0.1 A
Rated surge voltage
0.5 kV
Tripping method
E (electronic)
Feedback resistance
max. 35 V DC
Required backup fuse
Only required if Imax of the power supply > the short-circuit
switching capacity. Integrated failsafe element.
Short-circuit switching capacity
300 A
Dielectric strength
max. 35 V DC (Load circuit)
Active current limitation
typ. 1,2 x IN
Fuse
electronic
Efficiency
> 98.5 %
Closed circuit current I0
typ. 3.8 mA
typ. 0.1 W (No-load operation)
Power dissipation
< 0.7 W (Nominal operation)
Module initialization time
40 ms
PTCB E1 24DC/0.1A SI-R - Electronic circuit breaker
1464483
https://www.phoenixcontact.com/us/products/1464483
Jan 16, 2024, 6:59 AM
Page 2 (46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com