Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC4600YML-TR Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce MIC4600YML-TR
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600YML-TR Fiches technique(HTML) 9 Page - Microchip Technology

Back Button MIC4600YML-TR Datasheet HTML 5Page - Microchip Technology MIC4600YML-TR Datasheet HTML 6Page - Microchip Technology MIC4600YML-TR Datasheet HTML 7Page - Microchip Technology MIC4600YML-TR Datasheet HTML 8Page - Microchip Technology MIC4600YML-TR Datasheet HTML 9Page - Microchip Technology MIC4600YML-TR Datasheet HTML 10Page - Microchip Technology MIC4600YML-TR Datasheet HTML 11Page - Microchip Technology MIC4600YML-TR Datasheet HTML 12Page - Microchip Technology MIC4600YML-TR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
 2016-2020 Microchip Technology Inc.
DS20005584B-page 9
MIC4600
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1VIN
VIN Supply (Input): Input supply to the internal LDO. The VIN operating voltage range
is from 4.5V to 28V. Connect a decoupling capacitor between this pin and PGND.
2EN
Enable (Input): A logic level high allows normal operation. A logic level low on this pin
shuts down the drive in a low quiescent current state. The EN pin must not be left float-
ing.
3
HSI
High-side input (input): A logic level input that controls the high-side gate drive.
4
LSI
Low-side input (input): A logic level input that controls the low-side gate drive.
5
NC
No Connect. Not internally connected.
6FAULT
FAULT (Output). The active-low, open-drain output pulls low during an overtempera-
ture fault. A resistor to VDD is needed to pull this signal high.
7DELAY
Delay (Output). Connect a resistor from this pin to ground to adjust the dead time
(break before make).
8, 16
AGND
Analog ground. AGND must be connected directly to the ground planes. Do not route
the AGND pin to the PGND Pad on the top layer.
9PGND
Power Ground. PGND is the ground path for the MIC4600 output drivers. The PGND
pin should be connected to the source of low-side N-Channel MOSFET and the nega-
tive terminals of decoupling capacitors.
10
DL
Drive Low (Output). Low-side MOSFET gate driver.
11
SW
Switch Node (Output): Internal connection for the high-side MOSFET source and
low-side MOSFET drain. Due to the high speed switching on this pin, the SW pin
should be routed away from sensitive nodes.
12
DH
Drive High (Output). High-side MOSFET gate driver.
13
BST
Boost (output): Bootstrapped voltage to the high-side N-channel MOSFET driver. Con-
nect a Schottky diode between the VDD pin and the BST pin. Connect a boost capaci-
tor between the BST pin and the SW pin.
14
VDD
5V Internal Linear Regulator (Output): VDD supplies the power MOSFET gate drive
supply voltage. VDD is created by internal LDO from VIN. When VIN < +5.5V, VDD
should be tied to the VIN pin. A 2.2 μF ceramic capacitor from the VDD pin to ground
plane on PCB is required for stability.
15
AVDD
5V Analog Input (Input): AVDD is the supply for the internal driver logic and control cir-
cuitry. Connect the VDD output to the AVDD pin.
EPAD
ePad
Exposed thermal pad. Connect to the ground plane for optimum thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com