Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC4600YML-TR Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce MIC4600YML-TR
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600YML-TR Fiches technique(HTML) 2 Page - Microchip Technology

  MIC4600YML-TR Datasheet HTML 1Page - Microchip Technology MIC4600YML-TR Datasheet HTML 2Page - Microchip Technology MIC4600YML-TR Datasheet HTML 3Page - Microchip Technology MIC4600YML-TR Datasheet HTML 4Page - Microchip Technology MIC4600YML-TR Datasheet HTML 5Page - Microchip Technology MIC4600YML-TR Datasheet HTML 6Page - Microchip Technology MIC4600YML-TR Datasheet HTML 7Page - Microchip Technology MIC4600YML-TR Datasheet HTML 8Page - Microchip Technology MIC4600YML-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MIC4600
DS20005584B-page 2
 2016-2020 Microchip Technology Inc.
Typical Application Circuit
Functional Block Diagram
+
CONTROLLER
VDD
VDD
AVDD
EN
FAULT
HSI
LSI
EN
FAULT
HSI
LSI
UVLO
D1
MIC4600
LINEAR
REGULATOR
VIN
BST
SW
AGND
AGND
DH
DL
DELAY
ANTI-SHOOT THRU
VDD
PGND
V
IN
4.5V TO 28V
4.7μF
0.1μF
C
BST
33μF
Lo
4.0μH
V
OUT
3.3V/10A
R1
10K
R2
3.24K
100μF
CONTROL
LOGIC
TIMER
1.0μF
105K
FB
100K
EN
FAULT
HSI
LSI
UVLO
MIC4600
LINEAR
REGULATOR
VIN
BST
SW
AGND
AGND
DH
DL
DELAY
ANTI-SHOOT THRU
VDD
PGND
CONTROL
LOGIC
TIMER
AVDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com