Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC4600YML-TR Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce MIC4600YML-TR
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600YML-TR Fiches technique(HTML) 3 Page - Microchip Technology

  MIC4600YML-TR Datasheet HTML 1Page - Microchip Technology MIC4600YML-TR Datasheet HTML 2Page - Microchip Technology MIC4600YML-TR Datasheet HTML 3Page - Microchip Technology MIC4600YML-TR Datasheet HTML 4Page - Microchip Technology MIC4600YML-TR Datasheet HTML 5Page - Microchip Technology MIC4600YML-TR Datasheet HTML 6Page - Microchip Technology MIC4600YML-TR Datasheet HTML 7Page - Microchip Technology MIC4600YML-TR Datasheet HTML 8Page - Microchip Technology MIC4600YML-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2016-2020 Microchip Technology Inc.
DS20005584B-page 3
MIC4600
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
VIN to PGND .............................................................................................................................................. –0.3V to +29V
VDD to PGND ............................................................................................................................................... –0.3V to +6V
VSW to PGND...................................................................................................................................–0.3V to (VIN + 0.3V)
VBST to VSW ................................................................................................................................................. –0.3V to +6V
VBST to PGND............................................................................................................................................ –0.3V to +34V
VHSI, VLSI to PGND........................................................................................................................ –0.3V to (VDD + 0.3V)
VFAULT to AGND........................................................................................................................................... –0.3V to +6V
VEN to PGND ...................................................................................................................................–0.3V to (VIN + 0.3V)
PGND to AGND ........................................................................................................................................ –0.3V to +0.3V
ESD Protection on All Pins........................................................................................................................... ±1.5 kV HBM
Operating Ratings ††
Supply Voltage (VIN) .................................................................................................................................. +4.5V to +28V
VDD Supply Voltage (VDD)........................................................................................................................ +4.5V to +5.5V
Enable Input (VEN) ..............................................................................................................................................0V to VIN
Maximum Power Dissipation...................................................................................................................................Note 1
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: PD(MAX) = (TJ(MAX) – TA)/θJA, where θJA depends upon the printed circuit layout. See “Applications Informa-
tion.”
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VEN = 12V, VBST – VSW = 5V; TA = +25°C, CVIN = CVDD = 1 μF unless noted. Bold
values indicate –40°C ≤ TJ ≤ +125°C. Specification for packaged product only.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range
VIN
4.5
28
V
Quiescent Supply Current
450
750
µA
HSI = VDD, LSI = 0V, RDELAY =
124 kΩ, non-switching
Shutdown Supply Current
9
20
µA
VEN = 0V
VDD Supply Voltage
VDD Output Voltage
4.8
5
5.4
VVIN = 7V to 26V, IDD = 25 mA
VDD UVLO Threshold
3.6
4.0
4.4
VVDD Rising
VDD UVLO Hysteresis
400
mV
Dropout Voltage (VIN – VDD)—
380
mV
IDD = 25 mA, VIN= 5V
VDD Load Regulation
1.23
%
IDD = 0 mA to 25 mA
Enable Control
EN Logic Threshold
0.65
1.25
1.4
V
Rising
EN Hysteresis
200
mV
Note 1: Specified for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com