| Moteur de recherche de fiches techniques de composants électroniques |
|
DM15FY151KO3-RHR02 Fiches technique(PDF) 15 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM15FY151KO3-RHR02 Fiches technique(HTML) 15 Page - Sharma Electro Components,Inc |
|
15 / 18 page ![]() CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 680 - 1,200 F 0.750 0.510 0.200 1,300 - 1,600 F 0.750 0.510 0.210 1,800 - 2,200 F 0.760 0.520 0.220 2,400 F 0.770 0.530 0.250 2,700 F 0.770 0.540 0.260 3,000 F 0.770 0.540 0.270 3,300 F 0.780 0.550 0.280 3,600 F 0.780 0.550 0.290 3,900 F 0.780 0.560 0.300 4,300 F 0.780 0.560 0.310 0.770 0.540 0.270 4,700 F 0.790 0.560 0.320 0.770 0.540 0.270 5,100 F 0.790 0.570 0.330 0.780 0.550 0.280 5,600 F 0.790 0.570 0.340 0.780 0.550 0.290 6,200 F 0.790 0.580 0.350 0.780 0.560 0.300 0.780 0.550 0.290 6,800 F 0.800 0.590 0.370 0.790 0.560 0.320 0.780 0.560 0.300 7,500 F 0.800 0.600 0.390 0.790 0.570 0.330 0.780 0.560 0.300 8,200 F 0.810 0.610 0.410 0.790 0.570 0.340 0.780 0.560 0.310 9,100 F 0.810 0.620 0.430 0.800 0.580 0.360 0.790 0.570 0.330 10,000 F 0.820 0.630 0.450 0.800 0.590 0.370 0.790 0.570 0.340 11,000 F 0.800 0.590 0.380 0.790 0.580 0.350 12,000 F 0.810 0.600 0.400 0.800 0.580 0.360 CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 680 - 1,200 F 19.05 12.95 5.08 1,300 - 1,600 F 19.05 12.95 5.33 1,800 - 2,200 F 19.30 13.21 5.59 2,400 F 19.56 13.46 6.35 2,700 F 19.56 13.72 6.60 3,000 F 19.56 13.72 6.86 3,300 F 19.81 13.97 7.11 3,600 F 19.81 13.97 7.37 3,900 F 19.81 14.22 7.62 4,300 F 19.81 14.22 7.87 19.56 13.72 6.86 4,700 F 20.07 14.22 8.13 19.56 13.72 6.86 5,100 F 20.07 14.48 8.38 19.81 13.97 7.11 5,600 F 20.07 14.48 8.64 19.81 13.97 7.37 6,200 F 20.07 14.73 8.89 19.81 14.22 7.62 19.81 13.97 7.37 6,800 F 20.32 14.99 9.40 20.07 14.22 8.13 19.81 14.22 7.62 7,500 F 20.32 15.24 9.91 20.07 14.48 8.38 19.81 14.22 7.62 8,200 F 20.57 15.49 10.41 20.07 14.48 8.64 19.81 14.22 7.87 9,100 F 20.57 15.75 10.92 20.32 14.73 9.14 20.07 14.48 8.38 10,000 F 20.83 16.00 11.43 20.32 14.99 9.40 20.07 14.48 8.64 11,000 F 20.32 14.99 9.65 20.07 14.73 8.89 12,000 F 20.57 15.24 10.16 20.32 14.73 9.14 DM 20 Mica Capacitors DM20 Case Dimensions in Inches Lead Spacing: 0.438 ±0.031” DM20 Case Dimensions in Millimeters Lead Spacing: 11.11 ± 0.8mm Note: Bold Outlined Sections indicate SHARMA Standard items. DIMENSIONS: LL = 31.75 mm (1.25”) min. Sharma Mica Capacitors Page 15 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |