| Moteur de recherche de fiches techniques de composants électroniques |
|
DM15FY151KO3-RHR02 Fiches technique(PDF) 12 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM15FY151KO3-RHR02 Fiches technique(HTML) 12 Page - Sharma Electro Components,Inc |
|
12 / 18 page ![]() SCDM 15 Mica Capacitors CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 18 C 10.92 7.11 3.56 20 - 68 E 10.92 7.11 3.56 75 - 100 F 10.92 7.11 3.81 110 - 160 F 11.18 7.37 3.81 180 - 200 F 11.18 7.37 4.06 220 - 270 F 11.18 7.62 4.06 300 - 390 F 11.43 7.87 4.06 430 - 470 F 11.43 7.87 4.32 11.18 7.37 3.81 510 F 11.43 7.87 4.57 11.18 7.37 3.81 560 F 11.43 7.87 4.57 11.18 7.62 4.06 620 F 11.43 8.13 4.83 11.18 7.62 4.06 680 F 11.68 8.13 5.08 11.43 7.62 4.06 750 F 11.68 8.13 5.33 11.43 7.62 4.06 820 F 11.43 7.87 4.32 11.43 7.87 4.06 910 F 11.43 7.87 4.57 11.43 7.87 4.32 1,000 F 11.43 8.13 4.83 11.43 7.87 4.32 1,100 F 11.68 8.13 5.08 11.43 7.87 4.57 1,200 - 2,000 F 11.68 8.13 5.33 11.43 8.13 4.83 2,200 - 2,500* F 11.43 8.13 4.83 CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 18 C 0.430 0.280 0.140 20 - 68 E 0.430 0.280 0.140 75 - 100 F 0.430 0.280 0.150 110 - 160 F 0.440 0.290 0.150 180 - 200 F 0.440 0.290 0.160 220 - 270 F 0.440 0.300 0.160 300 - 390 F 0.450 0.310 0.160 430 - 470 F 0.450 0.310 0.170 0.440 0.290 0.150 510 F 0.450 0.310 0.180 0.440 0.290 0.150 560 F 0.450 0.310 0.180 0.440 0.300 0.160 620 F 0.450 0.320 0.190 0.440 0.300 0.160 680 F 0.460 0.320 0.200 0.450 0.300 0.160 750 F 0.460 0.320 0.210 0.450 0.300 0.160 820 F 0.450 0.310 0.170 0.450 0.310 0.160 910 F 0.450 0.310 0.180 0.450 0.310 0.170 1,000 F 0.450 0.320 0.190 0.450 0.310 0.170 1,100 F 0.460 0.320 0.200 0.450 0.310 0.180 1,200 - 2,000 F 0.460 0.320 0.210 0.450 0.320 0.190 2,200 - 2,500* F 0.450 0.320 0.190 * Available only in 50 V rating. Note: Bold Outlined Sections indicate SHARMA Standard items. SCDM15 Case Dimensions in Millimeters Lead Spacing: 5.95 ± 0.8mm SCDM15 Case Dimensions in Inches Lead Spacing: 0.234 ± 0.031” DIMENSIONS: LL = 31.75 mm (1.25”) min. Sharma Mica Capacitors Page 12 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |