| Moteur de recherche de fiches techniques de composants électroniques |
|
DM15FY151KO3-RHR02 Fiches technique(PDF) 14 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM15FY151KO3-RHR02 Fiches technique(HTML) 14 Page - Sharma Electro Components,Inc |
|
14 / 18 page ![]() CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 100 - 240 F 15.49 11.43 3.30 270 - 560 F 15.49 11.43 3.56 620 - 820 F 15.49 11.68 3.81 910 - 1,100 F 15.75 11.68 4.06 1,200 - 1,500 F 15.75 11.68 4.32 1,600 - 1,800 F 15.75 11.68 4.57 2,000 - 2,200 F 16.00 11.68 4.83 2,400 F 16.00 11.94 5.33 2,700 F 16.00 11.94 5.59 3,000 F 16.00 11.94 5.84 3,300 F 16.00 12.19 6.10 16.00 10.67 5.33 3,600 F 16.26 12.19 6.35 16.00 11.94 5.33 3,900 F 16.26 12.19 6.60 16.00 11.94 5.33 4,300 F 16.51 12.45 7.11 16.00 11.94 5.59 4,700 F 16.51 12.45 7.62 16.00 11.94 5.84 5,100 F 16.76 12.70 8.13 16.00 12.19 6.10 5,600 F 16.26 12.19 6.35 6,200 F 16.26 12.19 6.60 16.26 12.19 6.35 6,800 F 16.26 12.45 6.86 16.26 12.19 6.60 7,500 F 16.51 12.45 7.11 8,200 F 16.51 12.45 7.62 CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 100 - 240 F 0.610 0.450 0.130 270 - 560 F 0.610 0.450 0.140 620 - 820 F 0.610 0.460 0.150 910 - 1,100 F 0.620 0.460 0.160 1,200 - 1,500 F 0.620 0.460 0.170 1,600 - 1,800 F 0.620 0.460 0.180 2,000 - 2,200 F 0.630 0.460 0.190 2,400 F 0.630 0.470 0.210 2,700 F 0.630 0.470 0.220 3,000 F 0.630 0.470 0.230 3,300 F 0.630 0.480 0.240 0.630 0.420 0.210 3,600 F 0.640 0.480 0.250 0.630 0.470 0.210 3,900 F 0.640 0.480 0.260 0.630 0.470 0.210 4,300 F 0.650 0.490 0.280 0.630 0.470 0.220 4,700 F 0.650 0.490 0.300 0.630 0.470 0.230 5,100 F 0.660 0.500 0.320 0.630 0.480 0.240 5,600 F 0.640 0.480 0.250 6,200 F 0.640 0.480 0.260 0.640 0.480 0.250 6,800 F 0.640 0.490 0.270 0.640 0.480 0.260 7,500 F 0.650 0.490 0.280 8,200 F 0.650 0.490 0.300 SCDM 19 Mica Capacitors SCDM19 Case Dimensions in Millimeters Lead Spacing: 8.73 ± 0.8mm SCDM19 Case Dimensions in Inches Lead Spacing: 0.344 ± 0.031” Note: Bold Outlined Sections indicate SHARMA Standard items. DIMENSIONS: LL = 31.75 mm (1.25”) min. Sharma Mica Capacitors Page 14 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |