| Moteur de recherche de fiches techniques de composants électroniques |
|
DM15FY151KO3-RHR02 Fiches technique(PDF) 10 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM15FY151KO3-RHR02 Fiches technique(HTML) 10 Page - Sharma Electro Components,Inc |
|
10 / 18 page ![]() CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 18 C 9.50 10.01 4.50 20 - 82 E 9.50 10.01 4.50 91 - 430 F 9.50 10.01 4.50 470 F 10.01 10.49 5.08 510 F 10.01 10.49 5.08 560 F 10.01 10.49 5.08 620 F 10.01 10.49 5.08 680 F 10.01 10.49 5.08 750 F 10.49 11.00 5.59 820 F 10.49 11.00 5.59 910 F 10.49 11.00 5.59 1,000 F 10.49 11.00 5.59 1,100 F 11.00 11.51 6.10 1,200 F 11.00 11.51 6.10 1,300 - 2,500 F 11.00 11.51 6.10 CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 18 C 0.374 0.394 0.177 20 - 82 E 0.374 0.394 0.177 91 - 430 F 0.374 0.394 0.177 470 F 0.394 0.413 0.200 510 F 0.394 0.413 0.200 560 F 0.394 0.413 0.200 620 F 0.394 0.413 0.200 680 F 0.394 0.413 0.200 750 F 0.413 0.433 0.220 820 F 0.413 0.433 0.220 910 F 0.413 0.433 0.220 1,000 F 0.413 0.433 0.220 1,100 F 0.433 0.453 0.240 1,200 F 0.433 0.453 0.240 1,300 - 2,500 F 0.433 0.453 0.240 DM 12 Mica Capacitors DM12 Case Dimensions in Millimeters Lead Spacing: 5.0 ± 0.8mm DM12 Case Dimensions in Inches Lead Spacing: 0.197 ± 0.031 CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 18 C 7.87 5.84 3.05 20 - 56 E 7.87 5.84 3.05 62 - 68 E 8.13 5.84 3.30 7.87 5.84 3.05 75 - 82 E 8.13 5.84 3.30 8.13 5.84 3.30 7.87 5.84 3.05 91 F 8.13 5.84 3.30 8.13 5.84 3.30 7.87 5.84 3.05 100 F 8.13 5.84 3.30 8.13 5.84 3.30 8.13 5.84 3.30 110 - 120 F 8.13 6.10 3.56 8.13 5.84 3.30 8.13 5.84 3.30 130 - 160 F 8.13 6.10 3.56 8.13 6.10 3.56 8.13 5.84 3.30 180 F 8.38 6.10 3.81 8.13 6.10 3.56 8.13 6.10 3.56 200 F 8.38 6.10 3.81 8.38 6.10 3.81 8.13 6.10 3.56 220 - 240 F 8.64 6.35 4.06 8.38 6.10 3.81 8.13 6.10 3.56 250 F 8.64 6.35 4.06 8.64 6.35 4.06 8.13 6.10 3.56 270 - 300 F 8.64 6.35 4.06 8.38 6.10 3.81 330 F 8.89 6.60 4.32 8.38 6.10 3.81 360 F 8.89 6.60 4.32 8.64 6.35 4.06 390 - 400 F 8.64 6.35 4.06 430 - 470 F 8.89 6.60 4.32 750 - 820* F 8.89 6.60 4.32 CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 1 - 18 C 0.310 0.230 0.120 20 - 56 E 0.310 0.230 0.120 62 - 68 E 0.320 0.230 0.130 0.310 0.230 0.120 75 - 82 E 0.320 0.230 0.130 0.320 0.230 0.130 0.310 0.230 0.120 91 F 0.320 0.230 0.130 0.320 0.230 0.130 0.310 0.230 0.120 100 F 0.320 0.230 0.130 0.320 0.230 0.130 0.320 0.230 0.130 110 - 120 F 0.320 0.240 0.140 0.320 0.230 0.130 0.320 0.230 0.130 130 - 160 F 0.320 0.240 0.140 0.320 0.240 0.140 0.320 0.230 0.130 180 F 0.330 0.240 0.150 0.320 0.240 0.140 0.320 0.240 0.140 200 F 0.330 0.240 0.150 0.330 0.240 0.150 0.320 0.240 0.140 220 - 240 F 0.340 0.250 0.160 0.330 0.240 0.150 0.320 0.240 0.140 250 F 0.340 0.250 0.160 0.340 0.250 0.160 0.320 0.240 0.140 270 - 300 F 0.340 0.250 0.160 0.330 0.240 0.150 330 F 0.350 0.260 0.170 0.330 0.240 0.150 360 F 0.350 0.260 0.170 0.340 0.250 0.160 390 - 400 F 0.340 0.250 0.160 430 - 470 F 0.350 0.260 0.170 750 - 820* F 0.350 0.260 0.170 SCDM 10 Mica Capacitors * Available only in 50 V rating. Note: Bold Outlined Sections indicate SUSCO Standard items. SCDM10 Case Dimensions in Millimeters Lead Spacing: 3.57 ± 0.8mm SCDM10 Case Dimensions in Inches Lead Spacing: 0.141 ± 0.031” Note: Bold Outlined Sections indicate SHARMA Standard items. DIMENSIONS: LL = 31.75 mm (1.25”) min. Sharma Mica Capacitors Page 10 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |