| Moteur de recherche de fiches techniques de composants électroniques |
|
DM15FY151KO3-RHR02 Fiches technique(PDF) 13 Page - Sharma Electro Components,Inc |
|
|
|||||||||||||||||||||||||||||
DM15FY151KO3-RHR02 Fiches technique(HTML) 13 Page - Sharma Electro Components,Inc |
|
13 / 18 page ![]() CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 100 - 330 F 16.26 12.70 4.83 360 - 470 F 16.26 12.95 5.08 510 - 620 F 16.51 12.95 5.08 680 - 910 F 16.51 12.95 5.33 1,000 - 1,100 F 16.51 13.21 5.59 1,200 - 1,300 F 16.76 13.21 5.59 1,500 F 16.76 13.21 5.84 1,600 F 16.76 13.46 5.84 1,800 - 2,000 F 17.02 13.46 6.10 2,200 F 17.02 13.46 6.35 2,400 F 17.02 13.72 6.60 2,700 F 17.27 13.72 6.86 3,000 F 17.27 13.97 7.11 3,300 F 17.27 13.97 7.37 17.02 13.72 6.60 3,600 F 17.27 14.22 7.62 17.27 13.72 6.86 3,900 F 17.53 14.22 7.87 17.27 13.72 6.86 4,300 F 17.53 14.48 8.38 17.27 13.97 7.11 4,700 F 17.78 14.73 8.89 17.27 13.97 7.37 5,100 F 18.03 14.99 9.40 --- 5,600 F 17.27 14.22 7.87 6,200 F 17.53 14.22 8.13 17.53 14.22 7.87 6,800 F 17.53 14.48 8.38 17.53 14.48 8.13 7,500 F 17.78 14.48 8.64 8,200 F 17.78 14.73 8.89 CAPACITANCE VOLTAGE VALUE in pF 500 V DC 300 V DC 100 V DC Lmax. W max. T max Lmax. W max. T max Lmax. W max. T max 100 - 330 F 0.640 0.500 0.190 360 - 470 F 0.640 0.510 0.200 510 - 620 F 0.650 0.510 0.200 680 - 910 F 0.650 0.510 0.210 1,000 - 1,100 F 0.650 0.520 0.220 1,200 - 1,300 F 0.660 0.520 0.220 1,500 F 0.660 0.520 0.230 1,600 F 0.660 0.530 0.230 1,800 - 2,000 F 0.670 0.530 0.240 2,200 F 0.670 0.530 0.250 2,400 F 0.670 0.540 0.260 2,700 F 0.680 0.540 0.270 3,000 F 0.680 0.550 0.280 3,300 F 0.680 0.550 0.290 0.670 0.540 0.260 3,600 F 0.680 0.560 0.300 0.680 0.540 0.270 3,900 F 0.690 0.560 0.310 0.680 0.540 0.270 4,300 F 0.690 0.570 0.330 0.680 0.550 0.280 4,700 F 0.700 0.580 0.350 0.680 0.550 0.290 5,100 F 0.710 0.590 0.370 --- 5,600 F 0.680 0.560 0.310 6,200 F 0.690 0.560 0.320 0.690 0.560 0.310 6,800 F 0.690 0.570 0.330 0.690 0.570 0.320 7,500 F 0.700 0.570 0.340 8,200 F 0.700 0.580 0.350 DM 19 / CM06 Mica Capacitors DM19 CM06 Case Dimensions in Millimeters Lead Spacing: 8.73 ± 0.8mm DM19 CM06 Case Dimensions in Inches Lead Spacing: 0.344 ± 0.031” Note: Bold Outlined Sections indicate SHARMA Standard items. DIMENSIONS: LL = 31.75 mm (1.25”) min. Sharma Mica Capacitors Page 13 Tel: (949)642-7324 SECI Engineers & Buyers' Guide Fax: (949)642-7327 |