| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8701 Fiches technique(PDF) 54 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TMF8701 Fiches technique(HTML) 54 Page - ams AG |
|
54 / 66 page ![]() Datasheet, Public Page 53 [v2-00] 2023-Feb-21 Document Feedback TMF8701 − Package Information Figure 119: Package Drawing Note(s): 1. All linear dimensions are in millimeters. 2. Contact finish is Au/Ni 3. This package contains no lead (Pb). 4. This drawing is subject to change without notice. 5. 5-digit tracecode is only on bottom side of the package. Package Information RoHS Green |