Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8701 Fiches technique(PDF) 40 Page - ams AG

No de pièce TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TMF8701 Fiches technique(HTML) 40 Page - ams AG

Back Button TMF8701 Datasheet HTML 36Page - ams AG TMF8701 Datasheet HTML 37Page - ams AG TMF8701 Datasheet HTML 38Page - ams AG TMF8701 Datasheet HTML 39Page - ams AG TMF8701 Datasheet HTML 40Page - ams AG TMF8701 Datasheet HTML 41Page - ams AG TMF8701 Datasheet HTML 42Page - ams AG TMF8701 Datasheet HTML 43Page - ams AG TMF8701 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Datasheet, Public
Page 39
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Register Description
Figure 85:
FACTORY_CALIB_12 Register
Figure 86:
FACTORY_CALIB_13 Register
If algorithm state data is sent to TMF8701 following registers
shall be pre-loaded by the host before command=0x02 or 0x0B
is executed.
Note(s): If only algorithm state data and no calibration data is
sent to TMF8701, pre-load algorithm state data starting from
address 0x20 instead of 0x2e.
Figure 87:
STATE_DATA_WR_0 Register
Figure 88:
STATE_DATA_WR_1 Register
0x2c: FACTORY_CALIB_12
Field
Name
Reset
Type
Description
7:0
factory_calib_12
0
RW
Factory calibration data
0x2d: FACTORY_CALIB_13
Field
Name
Reset
Type
Description
7:0
factory_calib_13
0
RW
Factory calibration data
0x2e: STATE_DATA_WR_0
Field
Name
Reset
Type
Description
7:0
state_data_wr_0
0
RW
Algorithm state data
0x2f: STATE_DATA_WR_1
Field
Name
Reset
Type
Description
7:0
state_data_wr_1
0
RW
Algorithm state data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66