| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8701 Fiches technique(PDF) 63 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TMF8701 Fiches technique(HTML) 63 Page - ams AG |
|
63 / 66 page ![]() Page 62 Datasheet, Public Document Feedback [v2-00] 2023-Feb-21 TMF8701 − Document Status Document Status Product Status Definition Product Preview Pre-Development Information in this datasheet is based on product ideas in the planning phase of development. All specifications are design goals without any warranty and are subject to change without notice Preliminary Datasheet Pre-Production Information in this datasheet is based on products in the design, validation or qualification phase of development. The performance and parameters shown in this document are preliminary without any warranty and are subject to change without notice Datasheet Production Information in this datasheet is based on products in ramp-up to full production or full production which conform to specifications in accordance with the terms of ams-OSRAM AG standard warranty as given in the General Terms of Trade Datasheet (discontinued) Discontinued Information in this datasheet is based on products which conform to specifications in accordance with the terms of ams-OSRAM AG standard warranty as given in the General Terms of Trade, but these products have been superseded and should not be used for new designs Document Status |