Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8701 Fiches technique(PDF) 32 Page - ams AG

No de pièce TMF8701
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TMF8701 Fiches technique(HTML) 32 Page - ams AG

Back Button TMF8701 Datasheet HTML 28Page - ams AG TMF8701 Datasheet HTML 29Page - ams AG TMF8701 Datasheet HTML 30Page - ams AG TMF8701 Datasheet HTML 31Page - ams AG TMF8701 Datasheet HTML 32Page - ams AG TMF8701 Datasheet HTML 33Page - ams AG TMF8701 Datasheet HTML 34Page - ams AG TMF8701 Datasheet HTML 35Page - ams AG TMF8701 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Datasheet, Public
Page 31
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Register Description
Figure 49:
DISTANCE_PEAK_1 Register
The sys clock registers is a running timer information – this value
is counting up (and wraps around to 0 again) as long as the
internal clock is running. As it is derived from the internal RC
oscillator and distance information is depending on its
accuracy, it can be used to correct an algorithm result by
comparing this clock with a more accurate clock inside the host.
For correctly updating of these registers by TMF8701, an I²C
blockread starting from address 0x1D until 0x27 shall be done.
Figure 50:
SYS_CLOCK_0 Register
Figure 51:
SYS_CLOCK_1 Register
Figure 52:
SYS_CLOCK_2 Register
0x23: DISTANCE_PEAK_1
Field
Name
Reset
Type
Description
7:0
distance_peak[15:8]
0
RO
Distance to the peak in [mm] of the
object, most significant byte
0x24: SYS_CLOCK_0
Field
Name
Reset
Type
Description
7:0
sys_clock[7:0]
0
RO
System clock/time stamp in units of 0.2μs
0x25: SYS_CLOCK_1
Field
Name
Reset
Type
Description
7:0
sys_clock[15:8]
0
RO
System clock/time stamp in units of 0.2μs
0x26: SYS_CLOCK_2
Field
Name
Reset
Type
Description
7:0
sys_clock[23:16]
0
RO
System clock/time stamp in units of 0.2μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66