| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8701 Fiches technique(PDF) 36 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TMF8701 Fiches technique(HTML) 36 Page - ams AG |
|
36 / 66 page ![]() Datasheet, Public Page 35 [v2-00] 2023-Feb-21 Document Feedback TMF8701 − Register Description Figure 67: REFERENCE_HITS_2 Register Figure 68: REFERENCE_HITS_3 Register Figure 69: OBJECT_HITS_0 Register Figure 70: OBJECT_HITS_1 Register 0x35: REFERENCE_HITS_2 Field Name Reset Type Description 7:0 reference_hits[23:16] 0 RO Sum of the reference SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is no used 0x36: REFERENCE_HITS_3 Field Name Reset Type Description 7:0 reference_hits[31:24] 0 RO Sum of the reference SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is no used 0x37: OBJECT_HITS_0 Field Name Reset Type Description 7:0 object_hits[7:0] 0 RO Sum of the reference SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is no used 0x38: OBJECT_HITS_1 Field Name Reset Type Description 7:0 object_hits[15:8] 0 RO Sum of the reference SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is no used |