Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C00GL Fiches technique(PDF) 26 Page - Norgren Ltd

No de pièce C00GL
Description  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C00GL Fiches technique(HTML) 26 Page - Norgren Ltd

Back Button C00GL Datasheet HTML 19Page - Norgren Ltd C00GL Datasheet HTML 20Page - Norgren Ltd C00GL Datasheet HTML 21Page - Norgren Ltd C00GL Datasheet HTML 22Page - Norgren Ltd C00GL Datasheet HTML 23Page - Norgren Ltd C00GL Datasheet HTML 24Page - Norgren Ltd C00GL Datasheet HTML 25Page - Norgren Ltd C00GL Datasheet HTML 26Page - Norgren Ltd C00GL Datasheet HTML 27Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Pneufit® C series
PUSH-IN fittings, metric
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
en 9.1.020.26
4/15
Straight adaptor
C0124
Swivel elbow
C014J
Self sealing fittings
No air flow when tubing is removed - air flow is restored when tubing is inserted
Ø A
B
C
G
Model
4
R1/8
26
8
10
C01240418
6
R1/8
29
8
12
C01240618
6
R1/4
29
10
14
C01240628
8
R1/4
33,5
10
14
C01240828
8
R3/8
33,5
11
17
C01240838
10
R1/4
35,5
10
17
C01241028
10
R3/8
35,5
11
17
C01241038
10
R1/2
35,5
14
21
C01241048
12
R1/4
42
10
19
C01241228
12
R3/8
42
11
19
C01241238
12
R1/2
42
14
21
C01241248
Ø A
B
C
E
G
Model
4
R1/8
27
27,5
5
10
C014J0418
6
R1/8
30
32
5
12
C014J0618
6
R1/4
32
30,5
6,5
14
C014J0628
8
R1/8
34,5
41,5
6,5
14
C014J0818
8
R1/4
34
40
6,5
17
C014J0828
10
R1/4
32
26,5
6,5
17
C014J1028
10
R3/8
36
45
6,5
17
C014J1038
10
R1/2
37,5
43
8
21
C014J1048
12
R3/8
40
53,5
6,5
19
C014J1238
12
R1/2
41,5
51,5
8
21
C014J1248
Straight adaptor
C0224
Swivel elbow
C024J
Ø A
B
C
G
Model
4
G1/8
25,5
5
12
C02240418
6
G1/8
28
5
12
C02240618
6
G1/4
27
6,5
15
C02240628
8
G1/4
32
6,5
15
C02240828
8
G3/8
32
6,5
17
C02240838
10
G1/4
35
6,5
17
C02241028
10
G3/8
36,5
6,5
17
C02241038
10
G1/2
37,5
8
21
C02241048
12
G1/4
43,5
6,5
19
C02241228
12
G3/8
43,5
6,5
21
C02241238
12
G1/2
44
8
21
C02241248
Ø A
B
C
E
G
Model
4
M5
20,5
29,5
4
10
C024J0405
4
G1/8
27
27,5
5
14
C024J0418
6
M5
22,5
33
4
12
C024J0605
6
G1/8
30
32
5
14
C024J0618
6
G1/4
32
30,5
6,5
14
C024J0628
8
G1/4
34,5
41,5
6,5
17
C024J0828
8
G3/8
34
40
6,5
20
C024J0838
10
G1/4
32
26,5
6,5
17
C024J1028
10
G3/8
36
45
6,5
20
C024J1038
10
G1/2
37,5
43
8
24
C024J1048
12
G3/8
40
53,5
6,5
20
C024J1238
12
G1/2
41,5
51,5
8
24
C024J1248
Straight union
C002J
Ø A
C
Model
4
42
C002J0400
6
46
C002J0600
8
53,5
C002J0800
10
58
C002J1000
12
67
C002J1200
G
C
G
C
C
E
B
E
B
Dimensions in mm
Projection/First angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27