| Moteur de recherche de fiches techniques de composants électroniques |
|
C00GL Fiches technique(PDF) 24 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
C00GL Fiches technique(HTML) 24 Page - Norgren Ltd |
|
24 / 27 page ![]() Pneufit® C series PUSH-IN fittings, metric Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd. en 9.1.020.24 4/15 In-line flow control C00GE In-line and panel mounting flow control C00GP Ø A B C > C1 < C1 D E Ø K N Model 4 12 45 30 33 3,3 15 11 13,5 C00GE0400 6 16 50 35 39,5 4,4 20,5 13 17,5 C00GE0600 8 19 55,5 37,5 42 4,4 23 15 20 C00GE0800 10 23 61 44 49 4,4 28 17,5 23 C00GE1000 12 26,5 70 47,5 53,5 4,4 32 20,5 25,5 C00GE1200 Control flow see page 4 Ø A B C > C1 < C1 C2 D E Ø K N Panel hole Panel thickness Model 4 12 42 35,5 38 5,5 3,2 15,5 11 13,5 12 11 5 C00GP0400 6 16 49,5 43 48,5 8 4,3 20,5 13 17,5 17 15 6 C00GP0600 8 19 56,5 47,5 53 8,5 4,3 23 15 20 19 17 6 C00GP0800 10 23 63 53,5 61,5 10,5 4,3 27,5 17,5 23 22 17 7 C00GP1000 12 26,5 73,5 57,5 64,5 12 4,4 32,5 20,5 25,5 24 21 7 C00GP1200 Control flow see page 4 C E D 1 2 B C E D 1 2 B Dimensions in mm Projection/First angle 1 2 1 2 |