Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C00GL Fiches technique(PDF) 20 Page - Norgren Ltd

No de pièce C00GL
Description  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C00GL Fiches technique(HTML) 20 Page - Norgren Ltd

Back Button C00GL Datasheet HTML 16Page - Norgren Ltd C00GL Datasheet HTML 17Page - Norgren Ltd C00GL Datasheet HTML 18Page - Norgren Ltd C00GL Datasheet HTML 19Page - Norgren Ltd C00GL Datasheet HTML 20Page - Norgren Ltd C00GL Datasheet HTML 21Page - Norgren Ltd C00GL Datasheet HTML 22Page - Norgren Ltd C00GL Datasheet HTML 23Page - Norgren Ltd C00GL Datasheet HTML 24Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Pneufit® C series
PUSH-IN fittings, metric
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
en 9.1.020.20
4/15
Triple branch adaptor
C0H70
Triple branch adaptor
C0C70
Ø A
B
C
E
G
H
J
Model
4
R1/8
52
24
8
22,5
18
14
C0H700418
4
R1/4
63
26
10
27,5
22
17
C0H700428
4
R3/8
65
28
11
29
22
21
C0H700438
4
R1/2
74
30,5
14
34
24
24
C0H700448
6
R1/8
52
25
8
22,5
18
14
C0H700618
6
R1/4
63
27
10
27,5
22
17
C0H700628
6
R3/8
65
28,5
11
29
22
21
C0H700638
6
R1/2
74
31
14
34
24
24
C0H700648
8
R1/8
52
27
8
22,5
18
14
C0H700818
8
R1/4
63
30,5
10
27,5
22
17
C0H700828
8
R3/8
65
30,5
11
29
22
21
C0H700838
8
R1/2
74
32,5
14
34
24
24
C0H700848
10
R1/8
52
28,5
8
22,5
18
14
C0H701018
10
R1/4
63
30,5
10
27,5
22
17
C0H701028
10
R3/8
65
32,5
11
29
22
21
C0H701038
10
R1/2
74
35
14
34
24
24
C0H701048
12
R1/4
63
34
10
27,5
22
17
C0H701228
12
R3/8
65
35
11
29
22
21
C0H701238
12
R1/2
74
39
14
34
24
24
C0H701248
Ø A
B
C
E
G
H
J
Model
4
G1/8
68
24
5
20,5
18
14
C0C700418
4
G1/4
83
26
6,5
25,5
22
17
C0C700428
4
G3/8
84
28
6,5
26
22
21
C0C700438
4
G1/2
93
30,5
8
29,5
24
24
C0C700448
6
G1/8
68
25
5
20,5
18
14
C0C700618
6
G1/4
83
27
6,5
25,5
22
17
C0C700628
6
G3/8
84
28,5
6,5
26
22
21
C0C700638
6
G1/2
93
31
8
29,5
24
24
C0C700648
8
G1/8
68
27
5
20,5
18
14
C0C700818
8
G1/4
83
30,5
6,5
25,5
22
17
C0C700828
8
G3/8
84
30,5
6,5
26
22
21
C0C700838
8
G1/2
93
32,5
8
29,5
24
24
C0C700848
10
G1/8
68
28,5
5
20,5
18
14
C0C701018
10
G1/4
83
30,5
6,5
25,5
22
17
C0C701028
10
G3/8
84
32,5
6,5
26
22
21
C0C701038
10
G1/2
93
35
8
29,5
24
24
C0C701048
12
G1/4
83
34
6,5
25,5
22
17
C0C701228
12
G3/8
84
35
6,5
26
22
21
C0C701238
12
G 1/2
93
39
8
29,5
24
24
C0C701248
ø A
C
J
H
G
ø A
C
J
H
G
Banjo flow control (out)
C0TA0
Banjo flow control (out)
C0K51
Ø A
B
C
> C1
< C1
E
G
Model
4
R1/8
30,5
35
40
14,5
8
11
C0TA00418
4
R1/4
34,5
40
45,5
18
10
15
C0TA00428
6
R1/8
31
35
31
14,5
8
11
C0TA00618
6
R1/4
35
40
45,5
18
10
15
C0TA00628
6
R3/8
38,5
46,5
55
21
11
19
C0TA00638
8
R1/8
33
35
40
15,5
8
11
C0TA00818
8
R1/4
37
40
45,5
19
10
15
C0TA00828
8
R3/8
40
46,5
55
21
11
19
C0TA00838
8
R1/2
46
53
60
25
14
24
C0TA00848
10
R1/4
39
40
45,5
20
10
15
C0TA01028
10
R3/8
42
46,5
55
22,5
11
19
C0TA01038
10
R1/2
47,5
53
60
25
14
24
C0TA01048
12
R1/4
41
40
45,5
22
10
15
C0TA01228
12
R3/8
46
46,5
55
23
11
19
C0TA01238
12
R1/2
50
53
60
27
14
24
C0TA01248
Ø A
B
C
> C1
< C1
E
G
Model
3
M5
21,5
27
30
9,5
3,5
8
C0K510305
4
M5
25
27
30
10
3,5
8
C0K510405
4
G1/8
30,5
35
40
15
6
8
C0K510418
4
G1/4
34,5
40
45,5
17
8
12
C0K510428
6
M5
28
27
30
11
3,5
8
C0K510605
6
G1/8
31
35
40
15
6
8
C0K510618
6
G1/4
35
40
45,5
17
8
12
C0K510628
6
G3/8
38,5
46,5
55
21
8
14
C0K510638
8
G1/8
33
35
40
14
6
8
C0K510818
8
G1/4
37
40
45,5
16
8
12
C0K510828
8
G3/8
40
46,5
55
21
8
14
C0K510838
8
G1/2
46
53
60
22,5
9
17
C0K510848
10
G1/4
39
40
45,5
18
8
12
C0K511028
10
G3/8
42
46,5
55
19,5
8
14
C0K511038
10
G1/2
47,5
53
60
22,5
9
17
C0K511048
12
G1/4
41
40
45,5
20
8
12
C0K511228
12
G3/8
46
46,5
55
19
8
14
C0K511238
12
G1/2
50
53
60
21
9
17
C0K511248
C
1
2
B
C
1
2
B
Dimensions in mm
Projection/First angle
1
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27