| Moteur de recherche de fiches techniques de composants électroniques |
|
C00GL Fiches technique(PDF) 21 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
C00GL Fiches technique(HTML) 21 Page - Norgren Ltd |
|
21 / 27 page ![]() Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd. Pneufit® C series PUSH-IN fittings, metric en 9.1.020.21 4/15 Banjo flow control (in) C0SA0 Ø A B C C1 min. C1 max.E G Model 4 R1/8 30,5 35 40 14,5 8 11 C0SA00418 4 R1/4 34,5 40 45,5 18 10 15 C0SA00428 6 R1/8 31 35 40 14,5 8 11 C0SA00618 6 R1/4 35 40 45,5 18 10 15 C0SA00628 6 R3/8 39 46,5 55 21 11 19 C0SA00638 8 R1/8 33 35 40 15,5 8 11 C0SA00818 8 R1/4 37 40 45,5 19 10 15 C0SA00828 8 R3/8 40 46,5 55 21 11 19 C0SA00838 8 R1/2 46 53 60 25 14 24 C0SA00848 10 R1/4 39 40 45,5 20 10 15 C0SA01028 10 R3/8 42 46,5 55 22,5 11 19 C0SA01038 10 R1/2 47,5 53 60 25 14 24 C0SA01048 12 R1/4 41 40 45,5 22 10 15 C0SA01228 12 R3/8 46 46,5 55 23 11 19 C0SA01238 12 R1/2 50 53 60 27 14 24 C0SA01248 Shrouded banjo (out) C0TB0 Ø A B C C1 E G Model 4 R1/8 30,5 31,5 15 8 11 C0TB00418 4 R1/4 34,5 37 18,5 10 15 C0TB00428 6 R1/8 31 31,5 15 8 11 C0TB00618 6 R1/4 35 37 18,5 10 15 C0TB00628 6 R3/8 38,5 43,5 22 11 19 C0TB00638 8 R1/8 33 31,5 16,5 8 11 C0TB00818 8 R1/4 37 37 19,5 10 15 C0TB00828 8 R3/8 40 43,5 22 11 19 C0TB00838 8 R1/2 46 50 26,5 14 24 C0TB00848 10 R1/4 39 37 21 10 15 C0TB01028 10 R3/8 42 43,5 23,5 11 19 C0TB01038 10 R1/2 47,5 50 26,5 14 24 C0TB01048 12 R1/4 41 37 22,5 10 15 C0TB01228 12 R3/8 46 43,5 24 11 19 C0TB01238 12 R1/2 50 50 28 14 24 C0TB01248 C 1 2 B Shrouded banjo (out) C0KB0 Banjo flow control (in) C0L51 Ø A B C C1 E G Model 4 M5 25 23 10,5 3,5 8 C0KB00405 4 G1/8 30,5 31,5 15 6 8 C0KB00418 4 G1/4 34,5 37 17,5 8 12 C0KB00428 6 M5 28 23 11,5 3,5 8 C0KB00605 6 G1/8 31 31,5 15 6 8 C0KB00618 6 G1/4 35 37 17,5 8 12 C0KB00628 6 G3/8 38,5 43,5 21 8 14 C0KB00638 8 G1/8 33 31,5 14 6 8 C0KB00818 8 G1/4 37 37 17 8 12 C0KB00828 8 G3/8 40 43,5 21 8 14 C0KB00838 8 G1/2 46 50 23 9 17 C0KB00848 10 G1/4 39 37 19 8 12 C0KB01028 10 G3/8 42 43,5 20 8 14 C0KB01038 10 G1/2 47,5 50 23 9 17 C0KB01048 12 G1/4 41 37 20,5 8 12 C0KB01228 12 G3/8 46 43,5 19 8 14 C0KB01238 12 G1/2 50 50 21,5 9 17 C0KB01248 Ø A B C > C1 < C1 E G Model 3 M5 21,5 27 30 9,5 3,5 8 C0L510305 4 M5 25 27 30 10 3,5 8 C0L510405 4 G1/8 30,5 35 40 15 6 8 C0L510418 4 G1/4 34,5 40 45,5 17 8 12 C0L510428 6 M5 28 27 30 11 3,5 8 C0L510605 6 G1/8 31 35 40 15 6 8 C0L510618 6 G1/4 35 40 45,5 17 8 12 C0L510628 6 G3/8 39 46,5 55 21 8 14 C0L510638 8 G1/8 33 35 40 14 6 8 C0L510818 8 G1/4 37 40 45,5 16 8 12 C0L510828 8 G3/8 40 46,5 55 21 8 14 C0L510838 8 G1/2 46 53 60 22,5 9 17 C0L510848 10 G1/4 39 40 45,5 18 8 12 C0L511028 10 G3/8 42 46,5 55 19,5 8 14 C0L511038 10 G1/2 47,5 53 60 22,5 9 17 C0L511048 12 G1/4 41 40 45,5 20 8 12 C0L511228 12 G3/8 46 46,5 55 19 8 14 C0L511238 12 G1/2 50 53 60 21 9 17 C0L511248 C 1 2 B C 1 2 B Dimensions in mm Projection/First angle 1 2 1 2 1 2 1 2 |