| Moteur de recherche de fiches techniques de composants électroniques |
|
C00GL Fiches technique(PDF) 7 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
C00GL Fiches technique(HTML) 7 Page - Norgren Ltd |
|
7 / 27 page ![]() Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd. Pneufit® C series PUSH-IN fittings, metric en 9.1.020.07 4/15 Dimensions in mm Projection/First angle Straight adaptor (external + internal hex) C0125 Ø A B C G 1 Model 4 R1/8 21,5 8 10 3 C01250418 4 R1/4 20,5 10 14 3 C01250428 4 R3/8 22 11 17 3 C01250438 6 R1/8 22 8 12 4 C01250618 6 R1/4 21 10 14 5 C01250628 6 R3/8 22 11 17 5 C01250638 6 R1/2 29,5 14 19 5 C01250648 8 R1/8 27,5 8 14 5 C01250818 8 R1/4 25,5 10 14 6 C01250828 8 R3/8 23 11 17 6 C01250838 8 R1/2 29,5 14 19 6 C01250848 10 R1/8 28,5 8 17 5 C01251018 10 R1/4 30,5 10 17 6 C01251028 10 R3/8 24,5 11 17 8 C01251038 10 R1/2 29,5 14 19 8 C01251048 12 R1/8 31,5 8 19 5 C01251218 12 R1/4 33 10 19 6 C01251228 12 R3/8 30 11 19 8 C01251238 12 R1/2 30 14 19 8 C01251248 16 R3/8 37,5 11 24 10 C01251638 16 R1/2 40,5 14 24 10 C01251648 Ø A B C G 1 Model 4 M5 22 4,5 2 C022A0405 4 M6 22 4 3 C022A0406 4 R1/8 20,5 8 3 C012A0418 4 R1/4 20,5 10 3 C012A0428 4 R3/8 20,5 11 3 C012A0438 6 M5 22,5 5 2 C022A0605 6 M6 22,5 4 3 C022A0606 6 R1/8 22 8 4 C012A0618 6 R1/4 22,5 10 4 C012A0628 6 R3/8 22,5 11 4 C012A0638 8 R1/8 27 8 5 C012A0818 8 R1/4 25 10 6 C012A0828 8 R3/8 25 11 6 C012A0838 8 R1/2 25 14 6 C012A0848 10 R1/8 28 8 5 C012A1018 10 R1/4 29 10 6 C012A1028 10 R3/8 29 11 8 C012A1038 10 R1/2 29 14 8 C012A1048 12 R1/8 35 8 5 C012A1218 12 R1/4 32,5 10 6 C012A1228 12 R3/8 32,5 11 8 C012A1238 12 R1/2 32,5 14 8 C012A1248 Ø A B C G 1 Model 4 M5 22 4 10 - C02250405 4 M6 22 8 10 - C02250406 4 G1/8 21,5 6 13 3 C02250418 4 G1/4 23,5 8 15 3 C02250428 4 G3/8 22 8 17 3 C02250438 6 M5 23,5 5 12 - C02250605 6 M6 23 4 12 - C02250606 6 G1/8 26,5 6 13 4 C02250618 6 G1/4 24,5 8 15 5 C02250628 6 G3/8 25,5 8 17 5 C02250638 8 G1/8 26,5 6 15 5 C02250818 8 G1/4 26,5 8 15 6 C02250828 8 G3/8 25 8 17 6 C02250838 8 G1/2 26 9 21 6 C02250848 10 G1/8 29,5 6 17 5 C02251018 10 G1/4 30 8 17 8 C02251028 10 G3/8 27 8 17 8 C02251038 10 G1/2 28,5 9 21 8 C02251048 12 G1/4 32 8 19 8 C02251228 12 G3/8 31,5 8 19 8 C02251238 12 G1/2 31,5 9 21 8 C02251248 16 G3/8 36,5 8 24 8 C02251638 16 G1/2 36,5 9 24 10 C02251648 Straight adaptor (internal hex only) C012A, C022A Straight adaptor (external + internal hex) C0225 Female adaptor C0226 Ø A B C G Model 4 M5 26 7 12 C02260405 4 G1/8 26,5 9 14 C02260418 4 G1/4 28,5 11 17 C02260428 4 G3/8 30 12 22 C02260438 6 G1/8 27,5 9 14 C02260618 6 G1/4 29,5 11 17 C02260628 6 G3/8 30 12 22 C02260638 8 G1/8 28,5 9 14 C02260818 8 G1/4 30,5 11 17 C02260828 8 G3/8 31,5 12 22 C02260838 8 G1/2 34,5 14 24 C02260848 10 G1/8 31,5 9 17 C02261018 10 G1/4 31,5 11 17 C02261028 10 G3/8 32,5 12 22 C02261038 10 G1/2 34,5 14 24 C02261048 12 G1/4 34,5 11 22 C02261228 12 G3/8 34,5 12 22 C02261238 12 G1/2 36,5 14 24 C02261248 G C G C C G C G |