Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705C9AGRS/D Fiches technique(PDF) 115 Page - NXP Semiconductors

No de pièce HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Fiches technique(HTML) 115 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 111Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 112Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 113Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 114Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 115Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 116Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 117Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 118Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 157 page
background image
General Release Specification
Instruction Types
MC68HC05K3 — Rev. 2.0
Instruction Set
11.3.8 Relative
Relative addressing is only for branch instructions. If the branch
condition is true, the CPU finds the effective branch destination by
adding the signed byte following the opcode to the contents of the
program counter. If the branch condition is not true, the CPU goes to the
next instruction. The offset is a signed, two’s complement byte that gives
a branching range of –128 to +127 bytes from the address of the next
location after the branch instruction.
When using the Motorola assembler, the programmer does not need to
calculate the offset, because the assembler determines the proper offset
and verifies that it is within the span of the branch.
11.4 Instruction Types
The MCU instructions fall into the following five categories:
•
Register/Memory Instructions
•
Read-Modify-Write Instructions
•
Jump/Branch Instructions
•
Bit Manipulation Instructions
•
Control Instructions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More