| Moteur de recherche de fiches techniques de composants électroniques |
|
HC705C9AGRS/D Fiches technique(PDF) 68 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705C9AGRS/D Fiches technique(HTML) 68 Page - NXP Semiconductors |
|
68 / 157 page ![]() General Release Specification Timer Operation MC68HC705C9A — Rev. 2.0 Capture/Compare Timer Figure 8-1. Capture/Compare Timer Block Diagram 8.3 Timer Operation The core of the capture/compare timer is a 16-bit free-running counter. The counter provides the timing reference for the input capture and output compare functions. The input capture and output compare functions provide a means to latch the times at which external events occur, to measure input waveforms, and to generate output waveforms and timing delays. Software can read the value in the 16-bit free-running counter at any time without affecting the counter sequence. Because of the 16-bit timer architecture, the I/O registers for the input capture and output compare functions are pairs of 8-bit registers. INPUT CAPTURE REGISTER CLOCK INTERNAL BUS OUTPUT COMPARE REGISTER HIGH BYTE LOW BYTE $16 $17 ÷4 INTERNAL PROCESSOR 16-BIT FREE RUNNING COUNTER COUNTER ALTERNATE REGISTER 8-BIT BUFFER HIGH BYTE LOW BYTE $1A $1B $18 $19 HIGH BYTE LOW BYTE $14 $15 OUTPUT COMPARE CIRCUIT OVERFLOW DETECT CIRCUIT EDGE DETECT CIRCUIT TIMER STATUS REG. ICF OCF TOF $13 ICIE IEDG OLVL OUTPUT LEVEL REG. RESET TIMER CONTROL REG. $12 OUTPUT LEVEL (TCMP) INTERRUPT CIRCUIT TOIE OCIE EDGE INPUT (TCAP) D CLK C Q Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |