Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705C9AGRS/D Fiches technique(PDF) 60 Page - NXP Semiconductors

No de pièce HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Fiches technique(HTML) 60 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 56Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 57Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 58Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 59Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 60Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 61Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 62Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 63Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 157 page
background image
General Release Specification
COP During Stop Mode
MC68HC705C9A — Rev. 2.0
Resets
To emulate this feature on the MC68HC705C9A (configured as an
MC68HC05C12A), set the STOPDIS bit in the C12MOR. Stop mode will
not actually be disabled as on the MC68HC05C12A, but the clock
monitor circuit will be activated. If the CPU executes a STOP instruction,
the clock monitor will provide a system reset.
NOTE:
This feature cannot be used with operating frequencies of 200 kHz or
less.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More