Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705C9AGRS/D Fiches technique(PDF) 45 Page - NXP Semiconductors

No de pièce HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Fiches technique(HTML) 45 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 41Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 42Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 43Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 44Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 45Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 46Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 47Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 48Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 157 page
background image
MC68HC705C9A — Rev. 2.0
Interrupts
General Release Specification — MC68HC705C9A
Section 4. Interrupts
4.1 Contents
4.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .45
4.3
Non-Maskable Software Interrupt (SWI). . . . . . . . . . . . . . . . . .47
4.4
External Interrupt (IRQ or Port B) . . . . . . . . . . . . . . . . . . . . . . .47
4.5
Timer Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48
4.6
SCI Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48
4.7
SPI Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48
4.2 Introduction
The MCU can be interrupted by five different sources, four maskable
hardware interrupts, and one non-maskable software interrupt:
•
External signal on the IRQ pin or port B pins
•
16-bit programmable timer
•
Serial communications interface
•
Serial peripheral interface
•
Software interrupt instruction (SWI)
Interrupts cause the processor to save register contents on the stack
and to set the interrupt mask (I bit) to prevent additional interrupts. The
RTI instruction causes the register contents to be recovered from the
stack and normal processing to resume.
Unlike RESET, hardware interrupts do not cause the current instruction
execution to be halted, but are considered pending until the current
instruction is complete.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More