Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HC705C9AGRS/D Fiches technique(PDF) 48 Page - NXP Semiconductors

No de pièce HC705C9AGRS/D
Description  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705C9AGRS/D Fiches technique(HTML) 48 Page - NXP Semiconductors

Back Button HC705C9AGRS/D Datasheet HTML 44Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 45Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 46Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 47Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 48Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 49Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 50Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 51Page - NXP Semiconductors HC705C9AGRS/D Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 157 page
background image
General Release Specification
Timer Interrupt
MC68HC705C9A — Rev. 2.0
Interrupts
4.5 Timer Interrupt
Three different timer interrupt flags cause a timer interrupt whenever
they are set and enabled. The interrupt flags are in the timer status
register (TSR), and the enable bits are in the timer control register
(TCR). Any of these interrupts will vector to the same interrupt service
routine, located at the address specified by the contents of memory
locations $3FF8 and $3FF9.
4.6 SCI Interrupt
Five different SCI interrupt flags cause an SCI interrupt whenever they
are set and enabled. The interrupt flags are in the SCI status register
(SCSR), and the enable bits are in the SCI control register 2 (SCCR2).
Any of these interrupts will vector to the same interrupt service routine,
located at the address specified by the contents of memory locations
$3FF6 and $3FF7.
4.7 SPI Interrupt
Two different SPI interrupt flags cause an SPI interrupt whenever they
are set and enabled. The interrupt flags are in the SPI status register
(SPSR), and the enable bits are in the SPI control register (SPCR).
Either of these interrupts will vector to the same interrupt service routine,
located at the address specified by the contents of memory locations
$3FF4 and $3FF5.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More