| Moteur de recherche de fiches techniques de composants électroniques |
|
SN250Q Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250Q Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 130 page ![]() Functional description—application modules SN250 42/130 GPIO_INTCFGB [0x4632] GPIO_INTCFGC [0x4634] GPIO_INTCFGD [0x4636] 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-RW 0 0 0 0 0 0 0 GPIO_INTFILT GPIO_INTMOD 0 0 0 0 0 0-RW 7 0-RW 6 0-RW 5 0-R 4 0-R 3 0-R 2 0-R 1 0-R 0 GPIO_INTFILT [8] Set this bit to enable GPIO IRQB filter GPIO_INTMOD [7:5] GPIO IRQB input edge triggering selection: 0 = disabled; 1 = rising; 2 = falling; 3 = both edges; 4 = active high triggered; 5 = active low trigger; 6,7 = reserved. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-RW 0 0 0 0 0 0 0 GPIO_INTFILT GPIO_INTMOD 0 0 0 0 0 0-RW 7 0-RW 6 0-RW 5 0-R 4 0-R 3 0-R 2 0-R 1 0-R 0 GPIO_INTFILT [8] Set this bit to enable GPIO IRQC filter. GPIO_INTMOD [7:5] GPIO IRQC input edge triggering selection: 0 = disabled; 1 = rising; 2 = falling; 3 = both edges; 4 = active high triggered; 5 = active low trigger; 6,7 = reserved. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-RW 0 0 0 0 0 0 0 GPIO_INTFILT GPIO_INTMOD 0 0 0 0 0 0-RW 7 0-RW 6 0-RW 5 0-R 4 0-R 3 0-R 2 0-R 1 0-R 0 GPIO_INTFILT [8] Set this bit to enable GPIO IRQD filter. GPIO_INTMOD [7:5] GPIO IRQD input edge triggering selection: 0 = disabled; 1 = rising; 2 = falling; 3 = both edges; 4 = active high triggered; 5 = active low trigger; 6,7 = reserved. |