Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN250Q Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 4Page - STMicroelectronics SN250Q Datasheet HTML 5Page - STMicroelectronics SN250Q Datasheet HTML 6Page - STMicroelectronics SN250Q Datasheet HTML 7Page - STMicroelectronics SN250Q Datasheet HTML 8Page - STMicroelectronics SN250Q Datasheet HTML 9Page - STMicroelectronics SN250Q Datasheet HTML 10Page - STMicroelectronics SN250Q Datasheet HTML 11Page - STMicroelectronics SN250Q Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
Pin assignment
SN250
8/130
21
GPIO0
I/O
Digital I/O
(enable GPIO0 with GPIO_CFG[7:4])
MOSI
O
SPI master data out of Serial Controller SC2
(enable SC2-3M with GPIO_CFG[7:4], select SPI with SC2_MODE, enable
master with SC2_SPICFG[4])
MOSI
I
SPI slave data in of Serial Controller SC2
(enable SC2-4S with GPIO_CFG[7:4], select SPI with SC2_MODE, enable
slave with SC2_SPICFG[4])
TMR1IA.1
I
Capture Input A of Timer 1
(enable CAP1-0 with GPIO_CFG[7:4])
22
GPIO1
I/O
Digital I/O
(enable GPIO1 with GPIO_CFG[7:4])
MISO
I
SPI master data in of Serial Controller SC2
(enable SC2-3M with GPIO_CFG[7:4], select SPI with SC2_MODE, enable
master with SC2_SPICFG[4])
MISO
O
SPI slave data out of Serial Controller SC2
(enable SC2-4S with GPIO_CFG[7:4], select SPI with SC2_MODE, enable
slave with SC2_SPICFG[4])
SDA
I/O
I2C data of Serial Controller SC2
(enable SC2-2 with GPIO_CFG[7:4], select I2C with SC2_MODE)
TMR2IA.2
I
Capture Input A of Timer 2
(enable CAP2-1 with GPIO_CFG[7:4])
23
VDD_PADS
Power
Pads supply (2.1–3.6V)
24
GPIO2
I/O
Digital I/O
(enable GPIO2 with GPIO_CFG[7:4])
MSCLK
O
SPI master clock of Serial Controller SC2
(enable SC2-3M with GPIO_CFG[7:4], select SPI with SC2_MODE, enable
master with SC2_SPICFG[4])
MSCLK
I
SPI slave clock of Serial Controller SC2
(enable SC2-4S with GPIO_CFG[7:4], select SPI with SC2_MODE, enable
slave with SC2_SPICFG[4])
nSSEL
I/O
I2C clock of Serial Controller SC2
(enable SC2-2 with GPIO_CFG[7:4], select I2C with SC2_MODE)
TMR2IB.2
I
Capture Input B of Timer 2
(enable CAP2-1 with GPIO_CFG[7:4])
Table 1.
Pin descriptions (continued)
Pin #
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More